전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si53321-B-GM 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si53321-B-GM
상세설명  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53321-B-GM 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si53321-B-GM Datasheet HTML 3Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 4Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 5Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 6Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 7Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 8Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 9Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 10Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
2.3 Input Bias Resistors
Internal bias resistors ensure a differential output low condition in the event that the clock inputs are not connected. The non-inverting
input is biased with a 18.75 kΩ pull-down to GND and a 75 kΩ pull-up to VDD. The inverting input is biased with a 75 kΩ pull-up to VDD.
RPU
CLK0 or
CLK1
RPU
RPU = 75 k
RPD = 18.75 k
RPD
+
VDD
Figure 2.5. Input Bias Resistors
Note: To minimize the possibility of system noise coupling into the Si5332x differential inputs and adversely affecting the buffered out-
put, Silicon Labs recommends 1 PPS clocks and disabled/gapped clocks be dc-coupled and driven “stop-low”.
2.4 Input Mux
The Si53320/21/23/26/27/28 provide two clock inputs for applications that need to select between one of two clock sources. The
CLK_SEL pin selects the active clock input. The following table summarizes the input and output clock based on the input mux and
output enable pin settings.
Table 2.3. Input Mux Logic
CLK_SEL
CLK0
CLK1
Q1
Qb
L
L
X
L
H
L
H
X
H
L
H
X
L
L
H
H
X
H
H
L
Note:
1. On the next negative transition of CLK0 or CLK1.
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 6


유사한 부품 번호 - Si53321-B-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53321-B-GM SKYWORKS-SI53321-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

유사한 설명 - Si53321-B-GM

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com