전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si82393CD-IS 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si82393CD-IS
상세설명  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82393CD-IS 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si82393CD-IS Datasheet HTML 3Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 4Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 5Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 6Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 7Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 8Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 9Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 10Page - Silicon Laboratories Si82393CD-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
2.2.1 Device Behavior
The following are truth tables for the Si8239x families.
Table 2.1. Si82390/1/3 Drivers Enhanced UVLO and Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P2
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H / L4
H / L4
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
X
X
H
P
P
UP
L
UD
L
VOA, VOB are actively
driven low if either
VDDA or VDDB is UP
X
X
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
4. VOA = VOB = L for Si82393 only
Table 2.2. Si82392/5/6 Drivers with UVLO Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H / L4
H / L4
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
H
X
H
P
P
UP
H
UD
L
VOA depends on
VDDA state
L
X
H
P
P
UP
L
UD
L
X
H
H
P
UP
P
UD
H
L
VOB depends on
VDDB state
X
L
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
4. VOA = VOB = L for Si82392 only
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


유사한 부품 번호 - Si82393CD-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI82393CD-IS SKYWORKS-SI82393CD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82393CD-IS3 SKYWORKS-SI82393CD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

유사한 설명 - Si82393CD-IS

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com