전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si8645BB-B-IU 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si8645BB-B-IU
상세설명  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BB-B-IU 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si8645BB-B-IU Datasheet HTML 3Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 4Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 5Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 6Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 7Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 8Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 9Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 10Page - Silicon Laboratories Si8645BB-B-IU Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Table 3.2. Enable Input Truth
Part Number
EN11, 2
EN21, 2
Operation
Si8640
H
Outputs B1, B2, B3, B4 are enabled and follow the input state.
L
Outputs B1, B2, B3, B4 are disabled and in high impedance state.3
Si8641
H
X
Output A4 enabled and follows the input state.
L
X
Output A4 disabled and in high impedance state.3
X
H
Outputs B1, B2, B3 are enabled and follow the input state.
X
L
Outputs B1, B2, B3 are disabled and in high impedance state.3
Si8642
H
X
Outputs A3 and A4 are enabled and follow the input state.
L
X
Outputs A3 and A4 are disabled and in high impedance state.3
X
H
Outputs B1 and B2 are enabled and follow the input state.
X
L
Outputs B1 and B2 are disabled and in high impedance state.3
Si8645
Outputs B1, B2, B3, B4 are enabled and follow the input state.
Note:
1. Enable inputs EN1 and EN2 can be used for multiplexing, for clock sync, or other output control. EN1, EN2 logic operation is
summarized for each isolator product in Table 2. These inputs are internally pulled-up to local VDD allowing them to be connec-
ted to an external logic level (high or low) or left floating. To minimize noise coupling, do not connect circuit traces to EN1 or EN2
if they are left floating. If EN1, EN2 are unused, it is recommended they be connected to an external logic level, especially if the
Si86xx is operating in a noisy environment.
2. X = not applicable; H = Logic High; L = Logic Low.
3. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is disabled
(EN = 0).
Si864x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 6


유사한 부품 번호 - Si8645BB-B-IU

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8645BB-B-IU SILABS-SI8645BB-B-IU Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IU SKYWORKS-SI8645BB-B-IU Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

유사한 설명 - Si8645BB-B-IU

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com