전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28PCIe16ALC 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SL28PCIe16ALC
상세설명  Low power push-pull type differential output buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALC 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SL28PCIe16ALC Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 9Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 10Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 11Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 12Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 9 of 12
Test and Measurement Set-up
This diagram shows the test load configuration for the differential clock signals
Figure 1. 0.7V Differential Load Configuration
Figure 2. Differential Measurement for Differential Output Signals (for AC Parameters Measurement)


유사한 부품 번호 - SL28PCIe16ALC

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

유사한 설명 - SL28PCIe16ALC

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
PCA ELECTRONICS INC.
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com