전자부품 데이터시트 검색엔진 |
|
SL28PCIe25ALI 데이터시트(PDF) 9 Page - Silicon Laboratories |
|
SL28PCIe25ALI 데이터시트(HTML) 9 Page - Silicon Laboratories |
9 / 17 page SL28PCIe25 DOC#: SP-AP-0776 (Rev. 0.2) Page 9 of 16 . Figure 1. Power down Assertion Timing Waveform Figure 2. Power down Deassertion Timing Waveform Absolute Maximum Conditions Parameter Description Condition Min. Max. Unit VDD_3.3V Main Supply Voltage Functional – 4.6 V VIN Input Voltage Relative to VSS –0.5 4.6 VDC TS Temperature, Storage Non-functional –65 150 °C TA Temperature, Operating Ambient, Industrial Functional –40 85 °C TA Temperature, Operating Ambient, Commercial Functional 0 85 °C TJ Temperature, Junction Functional – 150 °C ØJC Dissipation, Junction to Case JEDEC (JESD 51) – 20 °C/ W ØJA Dissipation, Junction to Ambient JEDEC (JESD 51) – 60 °C/ W ESDHBM ESD Protection (Human Body Model) JEDEC (JESD 22 - A114) 2000 – V UL-94 Flammability Rating UL (Class) V–0 DC Electrical Specifications Parameter Description Condition Min. Max. Unit VDD core 3.3V Operating Voltage 3.3 ± 5% 3.135 3.465 V VIH 3.3V Input High Voltage (SE) 2.0 VDD + 0.3 V VIL 3.3V Input Low Voltage (SE) VSS – 0.3 0.8 V VIHI2C Input High Voltage SDATA, SCLK 2.2 – V VILI2C Input Low Voltage SDATA, SCLK – 1.0 V |
유사한 부품 번호 - SL28PCIe25ALI |
|
유사한 설명 - SL28PCIe25ALI |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |