전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2309 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SL2309
상세설명  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2309 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SL2309 Datasheet HTML 5Page - Silicon Laboratories SL2309 Datasheet HTML 6Page - Silicon Laboratories SL2309 Datasheet HTML 7Page - Silicon Laboratories SL2309 Datasheet HTML 8Page - Silicon Laboratories SL2309 Datasheet HTML 9Page - Silicon Laboratories SL2309 Datasheet HTML 10Page - Silicon Laboratories SL2309 Datasheet HTML 11Page - Silicon Laboratories SL2309 Datasheet HTML 12Page - Silicon Laboratories SL2309 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev 2.0, May 12, 2008
Page 9 of 12
SL2309
Switching Waveforms
OUTPUT
VDD/2
VDD/2
OUTPUT
t1
INPUT
VDD/2
VDD/2
CLKOUT
t2
Figure 3. Input-to-Output Skew
t3
Any Output
Part 1 or 2
VDD/2
VDD/2
Any Output
Part 2 or 1
Figure 2. Output to Output Skew
Figure 4. Part-to-Part Skew


유사한 부품 번호 - SL2309

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL2309NZSC-1H SPECTRALINEAR-SL2309NZSC-1H Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2309NZSC-1H SPECTRALINEAR-SL2309NZSC-1H Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
More results

유사한 설명 - SL2309

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com