전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD197-121-041 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SD197-121-041
상세설명  InGaAs Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SD197-121-041 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SD197-121-041 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD197-121-041 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
InGaAs Photodiode
SD197-121-041
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 02-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
DESCRIPTION
FEATURES
The SD197-121-041 is a high sensitivity, low capacitance and noise, 5mm
diameter active area InGaAs photodiode, sensitive to wavelengths in
visible extended (450-1700nm) spectral range and used for imaging and
sensing applications. The photodetector is assembled in a TO-8 package.
• Low Noise
• Low Dark Current and Capacitance
• High Sensitivity
• Light Detector (Visible, NIR, SWIR)
RELIABILITY
APPLICATIONS
This high-reliability device is in principle able to meet military test
requirements (Mil-STD-750, Mil-STD-883) after proper screening and
group test.
Contact Luna for recommendations on specific test conditions and
procedures.
• Industrial Sensing
• Security and Defense
• Communication
ABSOLUTE MAXIMUM RATINGS
SYMBOL
MIN
MAX
UNITS
Operating Temperature
0
to
+85
°C
Ta = 23°C UNLESS NOTED OTHERWISE
Storage Temperature
-25
to
+85
°C
-
Soldering Temperature
-
-
+260
°C
> 2mm from case for < 5 sec
Wavelength Range
450
to
1700
nm
-
Reverse Voltage
-
-
20
V
-


유사한 부품 번호 - SD197-121-041

제조업체부품명데이터시트상세설명
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
   InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
   InGaAs Photodiode
More results

유사한 설명 - SD197-121-041

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
   ingaas photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
   InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
   InGaAs Photodiode
logo
List of Unclassifed Man...
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
   InGaAs Photodiode
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
   InGaAs Photodiode
SD012-121-011 LUNA-SD012-121-011 Datasheet
121Kb / 2P
   InGaAs Photodiode
SD039-121-011 LUNA-SD039-121-011 Datasheet
170Kb / 2P
   InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD039-121-011 ADVANCEDPHOTONIX-SD039-121-011 Datasheet
237Kb / 2P
   InGaAs Photodiode
logo
List of Unclassifed Man...
SD012-121-011 ETC2-SD012-121-011 Datasheet
121Kb / 2P
   InGaAs Photodiode
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2