전자부품 데이터시트 검색엔진 |
|
BTA208C 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
BTA208C 데이터시트(HTML) 1 Page - NXP Semiconductors |
1 / 4 page Philips Semiconductors Preliminary specification Three quadrant triacs BTA208 series C high commutation GENERAL DESCRIPTION QUICK REFERENCE DATA Glass passivated high commutation SYMBOL PARAMETER MAX. MAX. MAX. UNIT triacs in a plastic envelope intended for use in circuits where high static and BTA208- 500C 600C 800C dynamic dV/dt and high dI/dt can occur. V DRM Repetitive peak 500 600 800 V These devices will commutate the full off-state voltages rated rms current at the maximum rated I T(RMS) RMS on-state current 8 8 8 A junction temperature, without the aid of I TSM Non-repetitive peak 65 65 65 A a snubber. on-state current PINNING - TO220AB PIN CONFIGURATION SYMBOL PIN DESCRIPTION 1 main terminal 1 2 main terminal 2 3 gate tab main terminal 2 LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT -500 -600 -800 V DRM Repetitive peak off-state - 500 1 600 1 800 V voltages I T(RMS) RMS on-state current full sine wave; - 8 A T mb ≤ 102 ˚C I TSM Non-repetitive peak full sine wave; on-state current T j = 25 ˚C prior to surge t = 20 ms - 65 A t = 16.7 ms - 71 A I 2tI2t for fusing t = 10 ms - 21 A 2s dI T/dt Repetitive rate of rise of I TM = 12 A; IG = 0.2 A; 100 A/ µs on-state current after dI G/dt = 0.2 A/µs triggering I GM Peak gate current - 2 A V GM Peak gate voltage - 5 V P GM Peak gate power - 5 W P G(AV) Average gate power over any 20 ms - 0.5 W period T stg Storage temperature -40 150 ˚C T j Operating junction - 125 ˚C temperature T1 T2 G 12 3 tab 1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 6 A/ µs. October 1997 1 Rev 1.000 |
유사한 부품 번호 - BTA208C |
|
유사한 설명 - BTA208C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |