전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC16245APVG8 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 74LVC16245APVG8
상세설명  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16245APVG8 데이터시트(HTML) 2 Page - Integrated Device Technology

  74LVC16245APVG8 Datasheet HTML 1Page - Integrated Device Technology 74LVC16245APVG8 Datasheet HTML 2Page - Integrated Device Technology 74LVC16245APVG8 Datasheet HTML 3Page - Integrated Device Technology 74LVC16245APVG8 Datasheet HTML 4Page - Integrated Device Technology 74LVC16245APVG8 Datasheet HTML 5Page - Integrated Device Technology 74LVC16245APVG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SSOP / TSSOP
TOP VIEW
PIN CONFIGURATION
NOTES:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
Inputs
xOE
xDIR
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
HX
Z
FUNCTION TABLE (EACH8-BITSECTION)(1)
Pin Names
Description
xOE
Output Enable Inputs (Active LOW)
xDIR
Direction Control Input
xAx
Side A Inputs or 3-State Outputs
xBx
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
6.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +6.5
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
1
DIR
1
B1
GND
VCC
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
2
B6
2
B5
VCC
GND
2
B8
2
B7
2
DIR
1
OE
1
A1
GND
VCC
GND
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
GND
2
A3
2
A4
2
A6
2
A5
VCC
GND
2
A8
2
A7
2
OE


유사한 부품 번호 - 74LVC16245APVG8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74LVC16245APVG8 RENESAS-74LVC16245APVG8 Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
More results

유사한 설명 - 74LVC16245APVG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com