전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC16373APVG8 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 74LVC16373APVG8
상세설명  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16373APVG8 데이터시트(HTML) 2 Page - Integrated Device Technology

  74LVC16373APVG8 Datasheet HTML 1Page - Integrated Device Technology 74LVC16373APVG8 Datasheet HTML 2Page - Integrated Device Technology 74LVC16373APVG8 Datasheet HTML 3Page - Integrated Device Technology 74LVC16373APVG8 Datasheet HTML 4Page - Integrated Device Technology 74LVC16373APVG8 Datasheet HTML 5Page - Integrated Device Technology 74LVC16373APVG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC16373A
3.3VCMOS16-BIT TRANSPARENT D-TYPE LATCH
SSOP/ TSSOP
TOP VIEW
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
6.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
1
Q2
GND
VCC
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
Q1
1
OE
1
Q4
1
Q3
1
Q6
1
Q5
1
Q8
1
Q7
2
Q1
2
Q3
2
Q2
2
Q4
VCC
2
Q5
2
Q6
GND
2
Q7
2
Q8
2
OE
1
D2
GND
VCC
GND
GND
1
D1
1
LE
1
D4
1
D3
1
D6
1
D5
1
D8
1
D7
2
D1
2
D3
2
D2
2
D4
VCC
2
D5
2
D6
GND
2
D7
2
D8
2
LE
NOTES:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
2. Output level before the indicated steady-state input conditions were established.
Inputs
Outputs
xDx
xLE
xOE
xQx
HH
L
H
LH
L
L
XL
L
Q(2)
XX
H
Z
FUNCTION TABLE(1)
Pin Names
Description
xDx
Data Inputs
xLE
Latch Enable Input (Active HIGH)
xOE
Output Enable Inputs (Active LOW)
xQx
3-State Outputs
PIN DESCRIPTION


유사한 부품 번호 - 74LVC16373APVG8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74LVC16373APVG8 RENESAS-74LVC16373APVG8 Datasheet
284Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
More results

유사한 설명 - 74LVC16373APVG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com