전자부품 데이터시트 검색엔진 |
|
74LVC16245APAG 데이터시트(PDF) 2 Page - Integrated Device Technology |
|
74LVC16245APAG 데이터시트(HTML) 2 Page - Integrated Device Technology |
2 / 6 page INDUSTRIALTEMPERATURERANGE 2 IDT74LVC16245A 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS SSOP / TSSOP TOP VIEW PIN CONFIGURATION NOTES: 1. H = HIGH Voltage Level X = Don’t Care L = LOW Voltage Level Z = High-Impedance Inputs xOE xDIR Outputs L L Bus B Data to Bus A L H Bus A Data to Bus B HX Z FUNCTION TABLE (EACH8-BITSECTION)(1) Pin Names Description xOE Output Enable Inputs (Active LOW) xDIR Direction Control Input xAx Side A Inputs or 3-State Outputs xBx Side B Inputs or 3-State Outputs PIN DESCRIPTION NOTE: 1. As applicable to the device type. Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 4.5 6 pF COUT Output Capacitance VOUT = 0V 6.5 8 pF CI/O I/O Port Capacitance VIN = 0V 6.5 8 pF CAPACITANCE (TA = +25°C, F = 1.0MHz) Symbol Description Max Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +6.5 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to +6.5 V TSTG Storage Temperature –65 to +150 °C IOUT DC Output Current –50 to +50 mA IIK Continuous Clamp Current, –50 mA IOK VI < 0 or VO < 0 ICC Continuous Current through each ±100 mA ISS VCC or GND ABSOLUTE MAXIMUM RATINGS(1) NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC. 1 DIR 1 B1 GND VCC GND 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 1 B2 1 B3 1 B4 1 B5 1 B6 1 B7 1 B8 2 B1 2 B2 GND 2 B3 2 B4 2 B6 2 B5 VCC GND 2 B8 2 B7 2 DIR 1 OE 1 A1 GND VCC GND 1 A2 1 A3 1 A4 1 A5 1 A6 1 A7 1 A8 2 A1 2 A2 GND 2 A3 2 A4 2 A6 2 A5 VCC GND 2 A8 2 A7 2 OE |
유사한 부품 번호 - 74LVC16245APAG |
|
유사한 설명 - 74LVC16245APAG |