전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH16374APVG8 데이터시트(PDF) 6 Page - Integrated Device Technology

부품명 74LVCH16374APVG8
상세설명  3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVCH16374APVG8 데이터시트(HTML) 6 Page - Integrated Device Technology

  74LVCH16374APVG8 Datasheet HTML 1Page - Integrated Device Technology 74LVCH16374APVG8 Datasheet HTML 2Page - Integrated Device Technology 74LVCH16374APVG8 Datasheet HTML 3Page - Integrated Device Technology 74LVCH16374APVG8 Datasheet HTML 4Page - Integrated Device Technology 74LVCH16374APVG8 Datasheet HTML 5Page - Integrated Device Technology 74LVCH16374APVG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVCH16374A
3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP
ORDERING INFORMATION
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
XXX
Family
Bus-Hold
X
Blank
8
Tube or Tray
Tape and Reel
PVG
PAG
Shrink Small Outline Package - Green
Thin Shrink Small Outline Package - Green
16
74
16-Bit Edge-Triggered D-Type Flip-Flop with
3-State Outputs
-40°C to +85°C
374A
Bus-hold
Double-Density, ±24mA
H
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEETDOCUMENTHISTORY
10/20/2015
Pg. 6
Updated the ordering information by removing non RoHS parts and adding Tape and Reel information.


유사한 부품 번호 - 74LVCH16374APVG8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74LVCH16374APVG8 RENESAS-74LVCH16374APVG8 Datasheet
399Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
More results

유사한 설명 - 74LVCH16374APVG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74LVCH162374A IDT-IDT74LVCH162374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP
IDT74ALVCH16374 IDT-IDT74ALVCH16374 Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
IDT74LVCH16374A IDT-IDT74LVCH16374A Datasheet
75Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162374A RENESAS-IDT74LVCH162374A Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2015
IDT74LVCH16374A RENESAS-IDT74LVCH16374A Datasheet
399Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVC574A IDT-IDT74LVC574A Datasheet
71Kb / 6P
   3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com