전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK520 데이터시트(PDF) 11 Page - ATMEL Corporation

부품명 STK520
상세설명  STK520 is a New Member of the Successful STK500 Starter Kit Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK520 데이터시트(HTML) 11 Page - ATMEL Corporation

Back Button STK520 Datasheet HTML 7Page - ATMEL Corporation STK520 Datasheet HTML 8Page - ATMEL Corporation STK520 Datasheet HTML 9Page - ATMEL Corporation STK520 Datasheet HTML 10Page - ATMEL Corporation STK520 Datasheet HTML 11Page - ATMEL Corporation STK520 Datasheet HTML 12Page - ATMEL Corporation STK520 Datasheet HTML 13Page - ATMEL Corporation STK520 Datasheet HTML 14Page - ATMEL Corporation STK520 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Using the STK520 Top Module
STK520 User Guide
2-10
7510A–AVR–08/05
Figure 2-7. JTAG Connector
Table 2-1. STK520 ISP Connector Pinout
Squid
Cable
Colours
Target
pins
STK520 ISP pinout
Target
pins
Squid
Cable
Colours
grey
MISO
1
2
VTG
purple
black
SCK
3
4
MOSI
red
green
RESET
5
6
GND
brown


유사한 부품 번호 - STK520

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
More results

유사한 설명 - STK520

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
   The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
68HC805P18 NXP-68HC805P18 Datasheet
1Mb / 111P
   The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com