전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK525 데이터시트(PDF) 10 Page - ATMEL Corporation

부품명 STK525
상세설명  AT90USBxxx TQFP device (2.7V
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 데이터시트(HTML) 10 Page - ATMEL Corporation

Back Button STK525 Datasheet HTML 6Page - ATMEL Corporation STK525 Datasheet HTML 7Page - ATMEL Corporation STK525 Datasheet HTML 8Page - ATMEL Corporation STK525 Datasheet HTML 9Page - ATMEL Corporation STK525 Datasheet HTML 10Page - ATMEL Corporation STK525 Datasheet HTML 11Page - ATMEL Corporation STK525 Datasheet HTML 12Page - ATMEL Corporation STK525 Datasheet HTML 13Page - ATMEL Corporation STK525 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Using the STK525
2-10
STK525 Hardware User Guide
7608A–AVR–04/06
2.2.4
“POWER-ON“ LED
The POWER-ON LED is always lit when power is applied to STK525 regardless of
power supply source and the regulation.
Figure 2-5 . “VCC-ON” LED
2.3
RESET
Although the AT90USBxxx has its on-chip RESET circuitry (c.f. AT90USBxxx
Datasheet, section “System Control and Reset), the STK525 provides the AT90USBxxx
a RESET signal which can come from 3 different sources:
2.3.1
Power-on RESET
The on-board RC network acts as power-on RESET.
2.3.2
RESET Push Button
By pressing the RESET push button on the STK525, a warm RESET of the
AT90USBxxx is performed.
Figure 2-6 . RESET Push Button (RST) Implementation


유사한 부품 번호 - STK525

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
More results

유사한 설명 - STK525

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com