전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29030 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL29030
상세설명  Works Under All Light Sources Including Sunlight
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL29030 Datasheet HTML 4Page - Intersil Corporation ISL29030 Datasheet HTML 5Page - Intersil Corporation ISL29030 Datasheet HTML 6Page - Intersil Corporation ISL29030 Datasheet HTML 7Page - Intersil Corporation ISL29030 Datasheet HTML 8Page - Intersil Corporation ISL29030 Datasheet HTML 9Page - Intersil Corporation ISL29030 Datasheet HTML 10Page - Intersil Corporation ISL29030 Datasheet HTML 11Page - Intersil Corporation ISL29030 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL29030
8
FN6872.1
November 12, 2012
TABLE 6. REGISTER 0x04 (PROX_HT) - INTERRUPT HIGH THRESHOLD FOR PROXIMITY SENSOR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0xFF
PROX_HT
(Prox Threshold)
8-bit interrupt high threshold for proximity sensing
TABLE 7. REGISTER 0x05 (ALSIR_TH1) - INTERRUPT LOW THRESHOLD FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
ALSIR_LT[7:0]
(ALS/IR Low Thr.)
Lower 8 bits (of 12 bits) for ALS/IR low interrupt threshold
TABLE 8. REGISTER 0x06 (ALSIR_TH2) - INTERRUPT LOW/HIGH THRESHOLDS FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:4
RW
0x0F
ALSIR_HT[3:0]
(ALS/IR High Thr.)
Lower 4 bits (of 12 bits) for ALS/IR high interrupt threshold
3:0
RW
0x00
ALSIR_LT[11:8]
(ALS/IR Low Thr.)
Upper 4 bits (of 12 bits) for ALS/IR low interrupt threshold
TABLE 9. REGISTER 0x07 (ALSIR_TH3) - INTERRUPT HIGH THRESHOLD FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0xFF
ALSIR_HT[11:4]
(ALS/IR High Thr.)
Upper 8 bits (of 12 bits) for ALS/IR high interrupt threshold
TABLE 10. REGISTER 0x08 (PROX_DATA) - PROXIMITY SENSOR DATA
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RO
0x00
PROX_DATA
(Proximity Data)
Results of 8-bit proximity sensor ADC conversion
TABLE 11. REGISTER 0x09 (ALSIR_DT1) - ALS/IR SENSOR DATA (LOWER 8 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Lower 8 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 12. REGISTER 0x0A (ALSIR_DT2) - ALS/IR SENSOR DATA (UPPER 4 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:4
RO
0x00
(Unused)Unused bits.
3:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Upper 4 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 13. REGISTER 0x0E (TEST1) - TEST MODE
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation.
TABLE 14. REGISTER 0x0F (TEST2) - TEST MODE 2
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation.


유사한 부품 번호 - ISL29030

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030 INTERSIL-ISL29030 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29030A INTERSIL-ISL29030A Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

유사한 설명 - ISL29030

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
L10211 HAMAMATSU-L10211 Datasheet
158Kb / 2P
   FLASH LIGHT SOURCES
logo
Seoul Semiconductor
SAWS1566A SEOUL-SAWS1566A Datasheet
682Kb / 24P
   Natural light closest to the sunlight
SAWS1564A SEOUL-SAWS1564A Datasheet
722Kb / 24P
   Natural light Closest to the Sunlight
SAWS226AA SEOUL-SAWS226AA Datasheet
924Kb / 22P
   Natural light closest to the sunlight
SAWS0661A SEOUL-SAWS0661A Datasheet
715Kb / 24P
   Natural light closest to the sunlight
SAWS1063A SEOUL-SAWS1063A Datasheet
715Kb / 24P
   Natural light closest to the sunlight
logo
Lumileds Lighting Compa...
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
logo
Transcend Information. ...
TS0GSJ35U TRANSCEND-TS0GSJ35U Datasheet
121Kb / 3P
   Works with all 3.5??SATA hard drives
logo
NXP Semiconductors
PLN2020 PHILIPS-PLN2020 Datasheet
153Kb / 2P
   Complete navigation sensor that works on virtually all surfaces
September 2005
logo
International Rectifier
IRSM505-055 IRF-IRSM505-055_15 Datasheet
831Kb / 15P
   Under-voltage lockout for all channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com