전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29501 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL29501
상세설명  Time of Flight (ToF) Signal Processing IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29501 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL29501 Datasheet HTML 3Page - Intersil Corporation ISL29501 Datasheet HTML 4Page - Intersil Corporation ISL29501 Datasheet HTML 5Page - Intersil Corporation ISL29501 Datasheet HTML 6Page - Intersil Corporation ISL29501 Datasheet HTML 7Page - Intersil Corporation ISL29501 Datasheet HTML 8Page - Intersil Corporation ISL29501 Datasheet HTML 9Page - Intersil Corporation ISL29501 Datasheet HTML 10Page - Intersil Corporation ISL29501 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL29501
7
FN8681.3
June 29, 2016
Submit Document Feedback
A1, A2, SDA and SCL Input Buffer high
Voltage
VIH
VCC x 0.7
VCC
V
SDA Output Buffer LOW Voltage
VOL
00.4
V
Capacitive Loading of SDA or SCL
CL
10
400
pF
NOTES:
7. Product characterization data.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. Typical values are for TA = +25°C and VCC = 3.3V.
10. Cb = total capacitance of one bus line in pF.
I2C Electrical Specifications For SCL, SDA, A1, A2, IRQ Unless otherwise stated, VDD = 3V, TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)UNIT


유사한 부품 번호 - ISL29501

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501 RENESAS-ISL29501 Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501 Datasheet
120Kb / 2P
   Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Renesas Technology Corp
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
More results

유사한 설명 - ISL29501

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501_15 Datasheet
120Kb / 2P
   Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501 RENESAS-ISL29501_V01 Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
   Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
DS14310 - Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
   Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com