전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL58327CIZ-T7A 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL58327CIZ-T7A
상세설명  Wide Optical Spectrum Laser Power Monitor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58327CIZ-T7A 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL58327CIZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 14Page - Intersil Corporation ISL58327CIZ-T7A Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ISL58327
11
FN6577.2
July 29, 2013
Register Description
TABLE 3. ID0 (addr = 00h)
REGISTER
DESCRIPTION
ID0
Device ID, read only, code = 27h
TABLE 4. ID1 (addr = 01h)
REGISTER
DESCRIPTION
DEVICE OPTION
Device option code, read only,
code = E0h
DEVICE VERSION
Device version code, read only, code = 0h
TABLE 5. CONTROL (addr = 10h)
REGISTER
DESCRIPTION
h/l
HIGH gain or LOW Gain channels selection. Used in
conjunction with HL pin.
1b: HIGH Gain channel
0b: LOW Gain channel
Default: 0b
deglitch_b
1b: Disable serial interface deglitch function
0b: Enable serial interface deglitch function
Default: 0b
blue
1b: Device works in blue mode
(regardless of red/green bit setting)
0b: Device works in either RED or GREEN mode, depends
on red/green register bit setting
Default: 0b
red/green
0b: GREEN
1b: RED
Default: 0b (GREEN mode)
test_en
To enable a chip test function
(for Intersil internal use only)
1b: Enable test function
0b: Disable test function
Default: 0b
chip_en
To enable or disable ISL58327. When disabled all
outputs are in Hi-Z
1b: enable
0b: disable (SLEEP mode)
TABLE 6. B_GAIN0 (addr = 11h)
REGISTER
DESCRIPTION
blue_h[3: 0]
Lower 4 bits of blue light HIGH Gain channel fine gain
control
blue_l[3: 0]
Lower 4 bits of blue light LOW Gain channel fine gain
control
TABLE 7. B_H_GAIN (addr = 12h)
REGISTER
DESCRIPTION
blue_h[11:4]
High 8 bits of blue light HIGH Gain channel fine gain
control
TABLE 8. B_L_GAIN (addr = 13h)
REGISTER
DESCRIPTION
blue_l[11:4]
High 8 bits of blue light LOW Gain channel fine gain
control
TABLE 9. RED_GAIN0 (addr = 14h)
REGISTER
DESCRIPTION
red_h[3: 0]
Lower 4 bits of red light HIGH Gain channel fine gain
control
red_l[3: 0]
Lower 4 bits of red light LOW Gain channel fine gain
control
TABLE 10. RED_H_GAIN (addr = 15h)
REGISTER
DESCRIPTION
red_h[11:4]
High 8 bits of red light HIGH Gain channel fine gain
control
TABLE 11. RED_L_GAIN (addr = 16h)
REGISTER
DESCRIPTION
red_l[11:4]
High 8 bits of red light LOW Gain channel fine gain control
TABLE 12. GREEN_GAIN0 (addr = 17h)
REGISTER
DESCRIPTION
green_h[3:0]
Lower 4 bits of green light HIGH Gain channel fine gain
control
green_l[3:0]
Lower 4 bits of green light LOW Gain channel fine gain
control
TABLE 13. GREEN_H_GAIN (addr = 18h)
REGISTER
DESCRIPTION
green_h[11:4]
High 8 bits of green light HIGH Gain channel fine gain
control
TABLE 14. GREEN_L_GAIN (addr = 19h)
REGISTER
DESCRIPTION
green_l[11:4]
High 8 bits of green light LOW Gain channel fine gain
control
TABLE 15. ST_RED (addr = 1Ah)
REGISTER
DESCRIPTION
st_en_red
Red light slow tail compensation control
1b: enable
0b: disable
(when disable, st_time_red and st_mag_red are reset to
000b)
st_time_red
Red light slow tail compensation time constant control
st_mag_red
Red light slow tail compensation magnitude control


유사한 부품 번호 - ISL58327CIZ-T7A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL58327CIZ-T7A RENESAS-ISL58327CIZ-T7A Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
More results

유사한 설명 - ISL58327CIZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
   3V Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
   5V Wide Optical Spectrum Laser Power Monitor IC
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com