전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK10C48-P20 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 STK10C48-P20
상세설명  2K X 8 NVSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK10C48-P20 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  STK10C48-P20 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK10C48-P20 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 1999
3-1
STK10C48
2K x 8 nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Hardware
• RECALL to SRAM Initiated by Hardware or
Power Restore
• Automatic STORE Timing
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial
Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin 300 mil PDIP, 300 mil SOIC and
350 mil SOIC Packages
DESCRIPTION
The Simtek STK10C48 is a fast static RAM with a non-
volatile electrically erasable PROM (EEPROM) element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of times,
while
independent
nonvolatile
data
resides
in
EEPROM
. Data may easily be transferred from the
SRAM
to the EEPROM (the STORE operation), or from
the EEPROM to the SRAM (the RECALL operation),
using the NE pin. Transfers from the EEPROM to the
SRAM
(the RECALL operation) also take place auto-
matically on restoration of power. The STK10C48
combines the high performance and ease of use of a
fast SRAM with nonvolatile data integrity.
The STK10C48 features industry-standard pinout for
nonvolatile RAMs.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
32 x 512
EEPROM ARRAY
32 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
A7
A8
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
G
E
W
A6
A5
A3
A2
A0 A1
A10
A9
NE
A4
PIN NAMES
A0 - A10
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
NE
Nonvolatile Enable
VCC
Power (+ 5V)
VSS
Ground
PIN CONFIGURATIONS
NE
NC
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
NC
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 300 SOIC
28 - 350 SOIC


유사한 부품 번호 - STK10C48-P20

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK10C48-P25 SIMTEK-STK10C48-P25 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-P25I SIMTEK-STK10C48-P25I Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

유사한 설명 - STK10C48-P20

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com