전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL36A 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 SL36A
상세설명  Moisture Sensitivity Level 1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL36A 데이터시트(HTML) 3 Page - Micro Commercial Components

  SL36A Datasheet HTML 1Page - Micro Commercial Components SL36A Datasheet HTML 2Page - Micro Commercial Components SL36A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revision: A
3 of 3
2015/11/26
www.mccsemi.com
3
Device
Packing
S
L34A~SL310A
Tape&Reel: 5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. S
L34A~SL310A-HF
Micro Commercial Components
M C C
TM


유사한 부품 번호 - SL36A

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SL36A SMC-SL36A Datasheet
171Kb / 6P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL36A GOOD-ARK-SL36A Datasheet
200Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL36A BILIN-SL36A Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL36A CHENDA-SL36A Datasheet
242Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL36A MCC-SL36A Datasheet
428Kb / 4P
   3 Amp Low VF Schottky Rectifier 40~100 Volts
More results

유사한 설명 - SL36A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
   Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
   Moisture Sensitivity Level 1
logo
Abracon Corporation
ASEMP ABRACON-ASEMP Datasheet
4Mb / 7P
   Moisture Sensitivity Level ??MSL 1
07.16.12
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
   Surface mounted device type, Moisture sensitivity level 1
logo
P-tec Corporation
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
   JEDEC moisture sensitivity level 2A
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_13 Datasheet
239Kb / 4P
   Low Current Leakage and Low Cost Moisture Sensitivity Level 1
logo
P-tec Corporation
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
   Moisture Detector
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com