전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8S36A 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SM8S36A
상세설명  Glass passivated junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM8S36A 데이터시트(HTML) 2 Page - Micro Commercial Components

  SM8S36A Datasheet HTML 1Page - Micro Commercial Components SM8S36A Datasheet HTML 2Page - Micro Commercial Components SM8S36A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision:
B
2015/03/24
2 of 3
m
SM8S14A THRU SM8S43A
Min (V) Max (V)
IT (mA)
SM8S14A
15.60
17.20
5
10
150
14
284.0
23.2
SM8S15A
16.70
18.50
5
10
150
15
270.0
24.4
SM8S16A
17.80
19.70
5
10
150
16
254.0
26.0
SM8S17A
18.90
20.90
5
10
150
17
239.0
27.6
SM8S18A
20.00
22.10
5
10
150
18
226.0
29.2
SM8S20A
22.20
24.50
5
10
150
20
204.0
32.4
SM8S22A
24.40
26.90
5
10
150
22
186.0
35.5
SM8S24A
26.70
29.50
5
10
150
24
170.0
38.9
SM8S26A
28.90
31.90
5
10
150
26
157.0
42.1
SM8S28A
31.10
34.40
5
10
150
28
145.0
45.4
SM8S30A
33.30
36.80
5
10
150
30
136.0
48.4
SM8S33A
36.70
40.60
5
10
150
33
124.0
53.3
SM8S36A
40.00
44.20
5
10
150
36
114.0
58.1
SM8S40A
44.40
49.10
5
10
150
40
102.0
64.5
SM8S43A
47.80
52.80
5
10
150
43
95.1
69.4
NOTE 1: Surge current waveform is defined at 10/1000uS waveform
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM (uA)
Working
Peak Reverse
Voltage VRWM
(V)
Maximu
Reverse
Surge
Current IPP
(A) (1)
Maximum
Clamping
Voltage
VC@IPP (V)
Maximum
IR @VRWM
TJ=175
(uA)
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
25
100
175
0
0 0
0.2 ##
0.5 76
1 50
1.5 33
2 23
3 13
4 10
0
8
1
6600
25
8
10
5200
##
0
100
1900
10
5200
100
1900
Fig. 3 - Steady State Power Derating Curve
Fig. 2 - Pulse Waveform
Ratings and Characteristics Curves (TA=25 unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
0.0
2.0
4.0
6.0
8.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0
50
100
0
1
2
3
4
Time , (ms)
10/1000 sec. Waveform
Peak Value
(Ipp)
td
Tr=10 s
Ipp
2
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current decays
to 50 % of Ipp
1000
10000
10
100
Pulse Width ,td (ms)
Half Value =
Micro Commercial Components
M C C
R


유사한 부품 번호 - SM8S36A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
Shanghai Leiditech Elec...
SM8S36A LEIDITECH-SM8S36A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SM8S36A

제조업체부품명데이터시트상세설명
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com