전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC158 데이터시트(PDF) 5 Page - Harris Corporation

부품명 74HC158
상세설명  High Speed CMOS Logic Quad 2-Input Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

74HC158 데이터시트(HTML) 5 Page - Harris Corporation

  74HC158 Datasheet HTML 1Page - Harris Corporation 74HC158 Datasheet HTML 2Page - Harris Corporation 74HC158 Datasheet HTML 3Page - Harris Corporation 74HC158 Datasheet HTML 4Page - Harris Corporation 74HC158 Datasheet HTML 5Page - Harris Corporation 74HC158 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Enable to Output
tPLH, tPHL CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
HC157
CL =15pF
5
-
11
-
-
-
-
-
ns
HCT157
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
Select to Output
tPLH, tPHL CL = 50pF
2
-
-
145
-
180
-
220
ns
4.5
-
-
29
-
36
-
44
ns
HC157
CL =15pF
5
-
12
-
-
-
-
-
ns
HCT157
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
25
-
31
-
38
ns
Power Dissipation
Capacitance (Notes 4, 5)
CPD
-5
HC157
-
62
-
-
-
-
-
pF
HCT157
-
70
-
-
-
-
-
pF
HC/HCT158 TYPES
Data to Output
tPLH, tPHL CL = 50pF
2
-
-
140
-
175
-
210
ns
4.5
-
-
28
-
35
-
42
HC158
CL =15pF
5
-
11
-
-
-
-
-
ns
HCT 158
-
13
-
-
-
-
-
ns
CL = 50pF
6
-
-
24
-
30
-
36
ns
Enable to Output
tPLH, tPHL CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
HC158
CL =15pF
5
-
13
-
-
-
-
-
ns
HCT 158
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
27
-
34
-
41
ns
Select to Output
tPLH, tPHL CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
HC158
CL =15pF
5
-
12
-
-
-
-
-
ns
HCT 158
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Power Dissipation
Capacitance (Notes 4, 5)
CPD
-5
HC158
-
35
-
-
-
-
-
pF
HCT 158
-
35
-
-
-
-
-
pF
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per multiplexer.
5. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC157, CD74HCT157, CD74HC158, CD74HCT158


유사한 부품 번호 - 74HC158

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
NXP Semiconductors
74HC158D PHILIPS-74HC158D Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158D NEXPERIA-74HC158D Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
NXP Semiconductors
74HC158N PHILIPS-74HC158N Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
More results

유사한 설명 - 74HC158

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC08 TI1-CD54HC08_16 Datasheet
611Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com