전자부품 데이터시트 검색엔진 |
|
744784182A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744784182A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 5 page 2.1 2.0 1.0 REV 2015-06-03 2014-04-14 2010-02-22 DATE SSt SSt ES BY HBH HBH - CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-MK Multilayer Ceramic SMD Inductor Order.- No. 744784182A SIZE A4 Size: 0402A A Dimensions: [mm] B Recommended land pattern: [mm] D Electrical Properties: Properties Inductance Q-factor DC Resistance Rated current Self resonant frequency Test conditions 100 MHz 100 MHz @ 20°C ∆T = 20 K L Q RDC IR fres Value 82 8 2.4 150 750 Unit nH Ω mA MHz Tol. ± 5% min. max. max. typ. E General information: It is recommended that the temperature of the part does not exceed 125°C under worst case operating conditions. •Ambient temperature: -40°C to +105°C (refering to IR) •Operating temperature: -55°C to +125°C •Storage temperature (on tape & reel): -20°C to +60°C; 30 to 70% RH max. •Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
유사한 부품 번호 - 744784182A |
|
유사한 설명 - 744784182A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |