전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5324K030-TR 데이터시트(PDF) 15 Page - RICOH electronics devices division

부품명 R5324K030-TR
상세설명  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324K030-TR 데이터시트(HTML) 15 Page - RICOH electronics devices division

Back Button R5324K030-TR Datasheet HTML 11Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 12Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 13Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 14Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 15Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 16Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 17Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 18Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
R5324x
15
3) Dropout Voltage vs. Output Current
1.5V (VR1)
1.5V (VR2)
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
075
50
25
150 175
125
100
200
85˚C
25˚C
-40˚C
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
075
50
25
125
100
150
85˚C
25˚C
-40˚C
1.5V (VR3)
1.6V (VR1)
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
025
75
50
100
85˚C
25˚C
-40˚C
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
075
50
25
150 175
125
100
200
85˚C
25˚C
-40˚C
1.6V (VR2)
1.6V (VR3)
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
075
50
25
125
100
150
85˚C
25˚C
-40˚C
0.5
0.1
0.2
0.4
0.3
0.0
Output Current IOUT(mA)
025
75
50
100
85˚C
25˚C
-40˚C
*R5324D (SON-8) is the discontinued product. As of March in 2015.


유사한 부품 번호 - R5324K030-TR

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

유사한 설명 - R5324K030-TR

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com