전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES52110 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 ES52110
상세설명  8-bit D/A Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ES52110 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  ES52110 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ITRI
ERSO
ES52110
8-bit D/A Converter
19999/12/27 01:37 PM
5
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Type
Max
Unit
V
DD to AGND
O
+15
V
V
DD to AGND
O
+15
V
AGND to DGND
O
V
DD+0.3
V
Digital Input Vdtage to DGND
-0.3
V
DD+0.3
V
V
PIN2, VPIN20 to AGND
-0.3
V
DD
V
V
REF, VREFB to AGND
-25
+20
V
V
RFBA, VRFBB to AGND
-25
+20
V
Operating Temperature Range
-55
+125
Junction Temperature
--
+150
Storage Temperature
-65
+150
Lead Temperature
--
+300
Notes:
1.Do not aplly voltage higher than V
DD or less than GND potential on any terminal except
V
REF.
2.The digital control inputs are Zener-Protected; however, permanent damage may occur
on unprotected units from high-energy electrostatic fields. Keep units in conductive
form at all times until ready for use.
3.Do not insert this device into powered sockets; remove power before insertion or
removal.
4.Use proper antistatic handing proced ures.
5.Stressed above those listed under"Abslute Maximum Ratings"may cause permanent
damage to the device.


유사한 부품 번호 - ES52110

제조업체부품명데이터시트상세설명
logo
Winbond
ES521 WINBOND-ES521 Datasheet
617Kb / 15P
   Winbond ES521 Evaluation System User Guide
More results

유사한 설명 - ES52110

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com