전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES52110 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 ES52110
상세설명  8-bit D/A Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ES52110 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ES52110 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 12Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 14Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ITRI
ERSO
ES52110
8-bit D/A Converter
19999/12/27 01:37 PM
11
*Operating Conditions :
V
DD = +12V±5% ;VREFA = VREFB = +10V;IOUTA = IOUTB = 0V;TA =
Full Temp. Range specified under Absolute Maximum Rating, unless
otherwise noted.
Static Accuracy
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
N
8
--
Bits
Relative Accuracy
(Note 2)
INL
--
± 1/2
LSB
Differential Nonlineraity
(Note 3)
DNL
--
± 1
LSB
Full-Scale Gain Error
(Note 4)
G
FSE
TA = +25℃
T
A = Full Temp. Range
±0.5
±0.1
±2
±3
LSB
Gain Tmperaturceoefficient
(Δgain/Δtempertme)
(Note 4)
TCG
FSE
--
±0.0035
%℃
Output Leakage Curent
I
ATA(Pin 2)IOUT(Pin 2)
(Note 4)
I
LKG
TA = +25℃
T
A = Full Temp.Range
±0.5
±5
±200
nA
Input Resistance
(V
REFA, VREFB)
(Note 6)
R
IN
8
15
Input Resistance Match
(V
REFA, VREFB)
ΔR
IN/RIN
±0.1
±1
%
Digital Inputs
(Note 9)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Digital Input High
(Note 8)
V
INH
3.4
--
V
Digital Input Low
(Note 8)
V
INL
--
1.5
V
Input Current
(Note 7)
I
IN
TA = +25℃
T
A = Full Temp.Range
±0.01
±1
±10
µA
Input Capacitance
(Note 10)
C
IN
DB0-DB7
WR,CS,DAV A/DACB
10
15
pF


유사한 부품 번호 - ES52110

제조업체부품명데이터시트상세설명
logo
Winbond
ES521 WINBOND-ES521 Datasheet
617Kb / 15P
   Winbond ES521 Evaluation System User Guide
More results

유사한 설명 - ES52110

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com