전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74479262210 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74479262210
상세설명  WE-PMCI Power Molded Chip Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479262210 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479262210 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
Scale - 20:1
1,6 ±0,2
0,3 ±0,2
Recommended Land Pattern: [mm]
Scale - 20:1
0,7
0,6
0,6
Schematic:
Electrical Properties
Properties
Test conditions
Value
Unit
Tol.
Inductance
1 MHz/ 5 mA
L
1
μH
±20%
Rated Current
ΔT = 20 K
IR 1
900
mA
typ.
Rated Current
ΔT = 40 K
IR 2
1200
mA
typ.
Saturation Current
|ΔL/L| < 30 %
ISAT
1700
mA
typ.
DC Resistance
@ 20°C
RDC
170
typ.
DC Resistance
@ 20°C
RDC
195
max.
Self Resonant
Frequency
fres
80
MHz
typ.
Version
Low Profile
General Information
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Operating Temperature
TOP
-40 °C up to +125 °C
Storage Temperature (in
original packaging)
TS
-20 °C up to +40 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDi
DIN ISO 2768-1m
DESCRIPTION
WE-PMCI Power Molded Chip
Inductor
ORDER CODE
74479262210
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0603
001.000
Draft
2016-04-13
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74479262210

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74479262147 WURTH-74479262147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results

유사한 설명 - 74479262210

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74479275210 WURTH-74479275210 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276222C WURTH-74479276222C Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299222 WURTH-74479299222 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299147 WURTH-74479299147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479287210 WURTH-74479287210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479288210 WURTH-74479288210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479262147 WURTH-74479262147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479275147 WURTH-74479275147 Datasheet
288Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276124 WURTH-74479276124 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276168 WURTH-74479276168 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com