전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74479887147C 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74479887147C
상세설명  WE-PMI Power Multilayer Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479887147C 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479887147C Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479887147C Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479887147C Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479887147C Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479887147C Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479887147C Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Classification Reflow Soldering Profile:
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
refer to IPC/ JEDEC J-STD-020D
Package Classification Reflow Temperature:
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
refer to IPC/ JEDEC J-STD-020D
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDi
DIN ISO 2768-1m
DESCRIPTION
WE-PMI Power Multilayer
Inductor
ORDER CODE
74479887147C
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1008
001.000
Draft
2016-03-09
eiSos
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74479887147C

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74479887124C WURTH-74479887124C Datasheet
288Kb / 6P
   WE-PMI Power Multilayer Inductor
More results

유사한 설명 - 74479887147C

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74479876215C WURTH-74479876215C Datasheet
289Kb / 6P
   WE-PMI Power Multilayer Inductor
74479887222A WURTH-74479887222A Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479777310 WURTH-74479777310 Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479899111 WURTH-74479899111 Datasheet
829Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899130 WURTH-74479899130 Datasheet
811Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899150 WURTH-74479899150 Datasheet
810Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899210 WURTH-74479899210 Datasheet
804Kb / 6P
   WE-PMI Power Multilayer Inductor
74479778310 WURTH-74479778310 Datasheet
484Kb / 7P
   WE-PMI Power Multilayer Inductor
001.002
74479775222A WURTH-74479775222A Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.004
74479889222 WURTH-74479889222 Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
74479889268 WURTH-74479889268 Datasheet
542Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com