전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-BGA63C-05 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 LS-BGA63C-05
상세설명  Primary dimension units are millimeters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA63C-05 데이터시트(HTML) 1 Page - Ironwood Electronics.

  LS-BGA63C-05 Datasheet HTML 1Page - Ironwood Electronics. LS-BGA63C-05 Datasheet HTML 2Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.4080
5.5880
0.2032±0.0127
FRONT VIEW
1
2
3.225
3.975
6.8625
6.8625
18.725
4.40
7.20
8.80
13.7250
0.4826
0.80 TYP
5.08
2.54
4.41
0.84
TOP VIEW
3
ISO VIEW
ITEM NO.
DESCRIPTION
Material
1
Substrate
3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material.
Non-clad.
2
Pin
Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
3
#0-80 internal Thread brass
insert, Press fit
Brass
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Adapter
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 05/10/2013
Material: N/A
Finish: N/A
Weight: 1.94
LS-BGA63C-05 Drawing
SCALE: 4:1
SHEET: 1 OF 2
ENG: M.A. Fedde
FILE: LS-BGA63C-05 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - LS-BGA63C-05

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA63C-61 IRONWOOD-LS-BGA63C-61 Datasheet
112Kb / 1P
   Primary dimension units are millimeters
More results

유사한 설명 - LS-BGA63C-05

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com