전자부품 데이터시트 검색엔진 |
|
AD524AD 데이터시트(PDF) 6 Page - Analog Devices |
|
AD524AD 데이터시트(HTML) 6 Page - Analog Devices |
6 / 29 page AD524 Rev. F | Page 5 of 28 AD524A AD524B Parameter Min Typ Max Min Typ Max Unit TEMPERATURE RANGE Specified Performance –25 +85 –25 +85 °C Storage –65 +150 –65 +150 °C POWER SUPPLY Power Supply Range ±6 ±15 ±18 ±6 ±15 ±18 V Quiescent Current 3.5 5.0 3.5 5.0 mA 1 Does not include effects of external resistor, RG. 2 VOL is the maximum differential input voltage at G = 1 for specified nonlinearity. VDL at the maximum = 10 V/G. VD = actual differential input voltage. Example: G = 10, VD = 0.50. VCM = 12 V − (10/2 × 0.50 V) = 9.5 V. @ VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical test. Results from those tests are used to calculate outgoing quality levels. Table 2. AD524C AD524S Parameter Min Typ Max Min Typ Max Unit GAIN Gain Equation (External Resistor Gain Programming) % 20 1 000 , 40 ± ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ + G R % 20 1 000 , 40 ± ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ + G R Gain Range (Pin Programmable) 1 to 1000 1 to 1000 Gain Error1 G = 1 ±0.02 ±0.05 % G = 10 ±0.1 ±0.25 % G = 100 ±0.25 ±0.5 % G = 1000 ±0.5 ±2.0 % Nonlinearity G = 1 ±0.003 ±0.01 % G = 10, G = 100 ±0.003 ±0.01 % G = 1000 ±0.01 ±0.01 % Gain vs. Temperature G = 1 5 5 ppm/°C G = 10 10 10 ppm/°C G = 100 25 25 ppm/°C G = 1000 50 50 ppm/°C VOLTAGE OFFSET (May be Nulled) Input Offset Voltage 50 100 μV vs. Temperature 0.5 2.0 μV/°C Output Offset Voltage 2.0 3.0 mV vs. Temperature 25 50 μV Offset Referred to the Input vs. Supply G = 1 80 75 dB G = 10 100 95 dB G = 100 110 105 dB G = 1000 115 110 dB |
유사한 부품 번호 - AD524AD |
|
유사한 설명 - AD524AD |