전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8557ACPZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8557ACPZ-REEL
상세설명  Digitally Programmable Sensor Signal Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8557ACPZ-REEL Datasheet HTML 4Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD8557
Rev. D | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON-MODE VOLTAGE (V)
20
20
15
10
5
0
5
10
15
01
2
3
4
5
VSY = 5V
–40°C
+125°C
+25°C
Figure 4. Input Offset Voltage vs. Common-Mode Voltage, VSY = 5 V
COMMON-MODE VOLTAGE (V)
10
10
8
6
4
2
0
2
4
6
8
0
0.5
1.0
1.5
2.0
2.5
VSY = 2.7V
+25°C
–40°C
+125°C
Figure 5. Input Offset Voltage vs. Common-Mode Voltage, VSY = 2.7 V
INPUT OFFSET VOLTAGE (µV )
0
20
40
60
80
100
120
140
160
2
40
2
6
8
10
4
6
8
10
180
Figure 6. Input Offset Voltage Distribution, VSY = 5 V
INPUT OFFSET VOLTAGE (µV)
0
20
40
60
80
100
120
140
160
2
40
2
6
8
10
4
6
8
10
180
Figure 7. Input Offset Voltage Distribution, VSY = 2.7 V
TEMPERATURE (°C)
15
10
5
0
5
10
25
50
0
25
50
15
5V
2.7V
75
100
125
150
175
Figure 8. Input Offset Voltage vs. Temperature
TCVOS (nV/°C)
0
5
10
15
20
25
05
30
10 15 20 25 30 35 40 45 50 55 60 65
Figure 9. TCVOS at VSY = 5 V, −40°C ≤TA ≤ +125°C


유사한 부품 번호 - AD8557ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results

유사한 설명 - AD8557ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com