전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD234G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BD234G
상세설명  Plastic Medium Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD234G 데이터시트(HTML) 3 Page - ON Semiconductor

  BD234G Datasheet HTML 1Page - ON Semiconductor BD234G Datasheet HTML 2Page - ON Semiconductor BD234G Datasheet HTML 3Page - ON Semiconductor BD234G Datasheet HTML 4Page - ON Semiconductor BD234G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD237G (NPN), BD234G, BD238G (PNP)
http://onsemi.com
3
1000
IC, COLLECTOR CURRENT (mA)
10
100
TJ = + 150°C
TJ = - 55°C
VCE = 2.0 V
700
500
300
200
70
50
30
20
TJ = + 25°C
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
0
1.5
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
1.2
0.9
0.6
0.3
IC, COLLECTOR CURRENT (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
t, TIME or PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
qJC(t) = r(t) qJC
qJC = 4.16°C/W MAX
qJC = 3.5°C/W TYP
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
D = 0.2
D = 0.1
D = 0.05
D = 0.01
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0
0.2
0.8
0.6
0.4
0.2
1.0
2.0
10
30
50
200
IC = 0.1 A
0.25 A
1.0 A
0.5 A
0.3
0.5
100
20
3.0
5.0
TJ = 25°C
Figure 3. Current Gain
Figure 4. “On” Voltages
Figure 5. Thermal Response


유사한 부품 번호 - BD234G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BD234G ONSEMI-BD234G Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
More results

유사한 설명 - BD234G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BD237 ONSEMI-BD237 Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com