전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MURA160 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MURA160
상세설명  Surface Mount Ultrafast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA160 데이터시트(HTML) 4 Page - ON Semiconductor

  MURA160 Datasheet HTML 1Page - ON Semiconductor MURA160 Datasheet HTML 2Page - ON Semiconductor MURA160 Datasheet HTML 3Page - ON Semiconductor MURA160 Datasheet HTML 4Page - ON Semiconductor MURA160 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MURA160, NRVUA160V, SURA8160
www.onsemi.com
4
dc
15
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
5
0
100
0
1
120
180
15
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
10
30
80
60
40
20
100
0
0
1
0.1
140
120
Figure 9. Power Dissipation
1.5
0
2
1.5
1
0.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
3
0
28
20
12
436
10
32
24
16
840
028
20
12
436
20
5
2
3
160
180
NOTE: TYPICAL
CAPACITANCE AT
0 V = 24 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 27 pF
SQUARE WAVE
dc
SQUARE WAVE
SQUARE
WAVE
140
160
4
20
25
25
1
2
2.5
60
5
dc
3.5
0.5
80
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
3
3.5
4
4.5


유사한 부품 번호 - MURA160

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
SUNMATE electronic Co.,...
MURA160 SUNMATE-MURA160 Datasheet
109Kb / 2P
   1.0A Surface Mount High Efficient Rectifier
logo
ON Semiconductor
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
MURA160T3 ONSEMI-MURA160T3 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIER 1 AMPERE, 600 VOLTS
February, 2006 ??Rev. 4
MURA160T3G ONSEMI-MURA160T3G Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIER 1 AMPERE, 600 VOLTS
February, 2006 ??Rev. 4
More results

유사한 설명 - MURA160

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
NHP260SF ONSEMI-NHP260SF Datasheet
145Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP120SF ONSEMI-NHP120SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 0
NHP220SF ONSEMI-NHP220SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
NHPAF320 ONSEMI-NHPAF320_16 Datasheet
67Kb / 5P
   Surface Mount Ultrafast Power Rectifier
November, 2016 ??Rev. 1
MURA160T3G ONSEMI-MURA160T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 6
MURA260T3G ONSEMI-MURA260T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60_1 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com