전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MURD320 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MURD320
상세설명  Switch-mode Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURD320 데이터시트(HTML) 3 Page - ON Semiconductor

  MURD320 Datasheet HTML 1Page - ON Semiconductor MURD320 Datasheet HTML 2Page - ON Semiconductor MURD320 Datasheet HTML 3Page - ON Semiconductor MURD320 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURD320, NRVUD320, SURD8320
www.onsemi.com
3
TC, CASE TEMPERATURE (°C)
100
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
110
120
130
140
150
160
170
180
Figure 4. Current Derating, Case
020
1.0
1.5
2.5
3.5
4.0
0
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Current Derating, Ambient
RATED VOLTAGE APPLIED
RqJC = 6°C/W
SINE WAVE
OR
SQUARE WAVE
dc
TJ = 175°C
120
140
160
180 200
0.5
2.0
3.0
SINE WAVE
OR
SQUARE WAVE
SURFACE MOUNTED ON
MIN. PAD SIZE RECOMMENDED
RATED VOLTAGE APPLIED
RqJA = 80°C/W
dc
TJ = 175°C
VR, REVERSE VOLTAGE (VOLTS)
010
30
40
300
500
10
100
50
200
20
100
Figure 6. Typical Capacitance
60
50
30
20
TJ = 25°C
1000
70
80
90


유사한 부품 번호 - MURD320

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MURD320 MOTOROLA-MURD320 Datasheet
85Kb / 4P
   ULTRAFAST RECTIFIERS 3 AMPERES 200 VOLTS
logo
ON Semiconductor
MURD320 ONSEMI-MURD320 Datasheet
64Kb / 4P
   ULTRAFAST RECTIFIER 3.0 AMPERES, 200 VOLTS
August, 2004 ??Rev. 4
MURD320 ONSEMI-MURD320 Datasheet
71Kb / 4P
   Switch-mode Power Rectifier
May, 2015 ??Rev. 9
MURD320 ONSEMI-MURD320 Datasheet
216Kb / 5P
   Switch-mode Power Rectifier
August, 2020 - Rev. 12
MURD320T4 ONSEMI-MURD320T4 Datasheet
64Kb / 4P
   ULTRAFAST RECTIFIER 3.0 AMPERES, 200 VOLTS
August, 2004 ??Rev. 4
More results

유사한 설명 - MURD320

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com