전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSPM1025A 데이터시트(PDF) 38 Page - Integrated Device Technology

부품명 ZSPM1025A
상세설명  True Digital PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1025A 데이터시트(HTML) 38 Page - Integrated Device Technology

Back Button ZSPM1025A Datasheet HTML 34Page - Integrated Device Technology ZSPM1025A Datasheet HTML 35Page - Integrated Device Technology ZSPM1025A Datasheet HTML 36Page - Integrated Device Technology ZSPM1025A Datasheet HTML 37Page - Integrated Device Technology ZSPM1025A Datasheet HTML 38Page - Integrated Device Technology ZSPM1025A Datasheet HTML 39Page - Integrated Device Technology ZSPM1025A Datasheet HTML 40Page - Integrated Device Technology ZSPM1025A Datasheet HTML 41Page - Integrated Device Technology ZSPM1025A Datasheet HTML 42Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ZSPM1025A Datasheet
© 2016 Integrated Device Technology, Inc.
38
January 25, 2016
5.2.4.
Typical Load Transient Response – Capacitor Range #4 – VOUT Range #1
Test conditions: VIN = 12.0V, VOUT = 1.20V
Minimum output capacitance: 3 x 100µF/6.3V X5R + 2 x 47µF/10V X7R + 4 x 470 µF/6.3V/7m
Ω Aluminum Electrolytic Capacitor
Maximum output capacitance: 7 x 100 µF/6.3V X5R + 4 x 47µF/10V X7R + 10 x 470 µF/6.3V/7m
Ω Aluminum Electrolytic Capacitor
Figure 5.17
5 to 15A Load Step – Min. Capacitance
Figure 5.18
15 to 5A Load Step – Min. Capacitance
Figure 5.19
5 to 15A Load Step – Max. Capacitance
Figure 5.20
15 to 5A Load Step – Max. Capacitance
Figure 5.21
Open Loop Bode Plots
-180
-150
-120
-90
-60
-30
0
-40
-30
-20
-10
0
10
20
30
40
1
10
100
Frequency [kHz]
Max Caps - Gain
Min Caps - Gain
Max Caps - Phase
Min Caps - Phase
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
20µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
20µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
20µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
20µs/div


유사한 부품 번호 - ZSPM1025A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025A RENESAS-ZSPM1025A Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
logo
List of Unclassifed Man...
ZSPM1025AA1W1 ETC2-ZSPM1025AA1W1 Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025AA1W1 RENESAS-ZSPM1025AA1W1 Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results

유사한 설명 - ZSPM1025A

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com