전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSPM4521 데이터시트(PDF) 27 Page - Integrated Device Technology

부품명 ZSPM4521
상세설명  High-Efficiency Charger for Li-Ion Batteries
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 데이터시트(HTML) 27 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 22Page - Integrated Device Technology ZSPM4521 Datasheet HTML 23Page - Integrated Device Technology ZSPM4521 Datasheet HTML 24Page - Integrated Device Technology ZSPM4521 Datasheet HTML 25Page - Integrated Device Technology ZSPM4521 Datasheet HTML 26Page - Integrated Device Technology ZSPM4521 Datasheet HTML 27Page - Integrated Device Technology ZSPM4521 Datasheet HTML 28Page - Integrated Device Technology ZSPM4521 Datasheet HTML 29Page - Integrated Device Technology ZSPM4521 Datasheet HTML 30Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
27
January 27, 2016
5
Layout Recommendations
To maximize the efficiency of this package for application on a single layer or multi-layer PCB, certain guidelines
must be followed when laying out this part on the PCB.
5.1.
Multi-Layer PCB Layout
The following are guidelines for mounting the exposed pad ZSPM4521 on a multi-layer PCB with ground a plane.
In a multi-layer board application, the thermal vias are the primary method of heat transfer from the package
thermal pad to the internal ground plane. The efficiency of this method depends on several factors, including die
area, number of thermal vias, and thickness of copper, etc.
Figure 5.1
Package and PCB Land Configuration for Multi-Layer PCB
Package Thermal Pad
Solder Pad (Land Pattern)
Thermal Vias
Package Outline
Figure 5.2
JEDEC Standard FR4 Multi-Layer Board – Cross-Sectional View
(square)
Package Solder
Pad
Package Solder
Pad (bottom trace)
Thermal Via
Component Traces
Thermal Isolation
Power plane only
1.5748mm
0.0 - 0.071 mm Board
Base & Bottom Pad
0.5246 - 0.5606 mm
Power Plane
(1oz Cu)
1.0142 - 1.0502 mm
Ground Plane
(1oz Cu)
1.5038 - 1.5748 mm
Component Trace
(2oz Cu)
2 Plane
4 Plane


유사한 부품 번호 - ZSPM4521

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521AA1R ETC2-ZSPM4521AA1R Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Renesas Technology Corp
ZSPM4521AA1R RENESAS-ZSPM4521AA1R Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521AA1W ETC2-ZSPM4521AA1W Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
More results

유사한 설명 - ZSPM4521

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com