전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSPM4551 데이터시트(PDF) 25 Page - Integrated Device Technology

부품명 ZSPM4551
상세설명  High-Efficiency Charger for Li-Ion Batteries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4551 데이터시트(HTML) 25 Page - Integrated Device Technology

Back Button ZSPM4551 Datasheet HTML 21Page - Integrated Device Technology ZSPM4551 Datasheet HTML 22Page - Integrated Device Technology ZSPM4551 Datasheet HTML 23Page - Integrated Device Technology ZSPM4551 Datasheet HTML 24Page - Integrated Device Technology ZSPM4551 Datasheet HTML 25Page - Integrated Device Technology ZSPM4551 Datasheet HTML 26Page - Integrated Device Technology ZSPM4551 Datasheet HTML 27Page - Integrated Device Technology ZSPM4551 Datasheet HTML 28Page - Integrated Device Technology ZSPM4551 Datasheet HTML 29Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ZSPM4551 Datasheet
© 2016 Integrated Device Technology, Inc.
25
January 29, 2016
Pin #
Name
Function
Description
10
VTH_REF
Battery
Temperature
Sensor Positive
Node
Positive node for the thermistor, which must be located in close
proximity to the battery.
11
VIN
Input Voltage
Additional VIN pin for input voltage; connect to VIN pin 2.
12
SCL
Clock Input
I
2C™ clock input.
13
SDA
Data Input/Output
I
2C™ data (open-drain output).
14
SW
Switching Voltage
Node
Additional SW pin; connect to SW pin 1.
15
PGND
Power GND
GND supply for internal low-side FET/integrated diode. Also connect to
additional PGND pin 16.
16
PGND
Power GND
GND supply for internal low-side FET/integrated diode. Also connect to
additional PGND pin 15.
4.4.
Package Markings
Figure 4.3
Marking Diagram 16-Pin PQFN (4 x 4 mm)
XXXXX:
Lot Number (last five digits)
O:
Pin 1 mark
YY:
Year
WW:
Work Week
4551A
XXXXX
oYYWW


유사한 부품 번호 - ZSPM4551

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551AA1R ETC2-ZSPM4551AA1R Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551AA1R RENESAS-ZSPM4551AA1R Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551AA1W ETC2-ZSPM4551AA1W Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
More results

유사한 설명 - ZSPM4551

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com