전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSPM9000 데이터시트(PDF) 14 Page - Integrated Device Technology

부품명 ZSPM9000
상세설명  Ultra-Compact, High-Performance DrMOS Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9000 데이터시트(HTML) 14 Page - Integrated Device Technology

Back Button ZSPM9000 Datasheet HTML 10Page - Integrated Device Technology ZSPM9000 Datasheet HTML 11Page - Integrated Device Technology ZSPM9000 Datasheet HTML 12Page - Integrated Device Technology ZSPM9000 Datasheet HTML 13Page - Integrated Device Technology ZSPM9000 Datasheet HTML 14Page - Integrated Device Technology ZSPM9000 Datasheet HTML 15Page - Integrated Device Technology ZSPM9000 Datasheet HTML 16Page - Integrated Device Technology ZSPM9000 Datasheet HTML 17Page - Integrated Device Technology ZSPM9000 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ZSPM9000 Datasheet
© 2016 Integrated Device Technology, Inc.
14
January 27, 2016
VDRV
VCIN
HDRV
DBoot
LDRV
VCIN
PWM
DISB#
SMOD#
PGND
PHASE
VIN
BOOT
VSWH
(Q1)
HS Power
MOSFET
(Q2)
LS Power
MOSFET
ZSPM9000
CGND
5V LINEAR
REGULATOR
THWN#
TEMP
SENSE
CGND
CVIN
PWM
CONTROL
VDRV = 8V to 14V
VIN =3V to 14V
CVDRV
CVCIN
VCIN
VOUT
CBOOT
Enabled
Disabled
ON
OFF
CONTROL
LOUT
COUT
2
Functional Description
The ZSPM9000 is a driver-plus-FET module optimized for the synchronous buck converter topology. A single
PWM input signal is all that is required to properly drive the high-side and the low-side MOSFETs. It is capable of
driving speeds up to 1MHz.
Figure 2.1
Typical Application Circuit with PWM Control


유사한 부품 번호 - ZSPM9000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9000AI1R ETC2-ZSPM9000AI1R Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000AI1R RENESAS-ZSPM9000AI1R Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results

유사한 설명 - ZSPM9000

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com