전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSPM9010 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 ZSPM9010
상세설명  Ultra-Compact, High-Performance DrMOS Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9010 데이터시트(HTML) 5 Page - Integrated Device Technology

  ZSPM9010 Datasheet HTML 1Page - Integrated Device Technology ZSPM9010 Datasheet HTML 2Page - Integrated Device Technology ZSPM9010 Datasheet HTML 3Page - Integrated Device Technology ZSPM9010 Datasheet HTML 4Page - Integrated Device Technology ZSPM9010 Datasheet HTML 5Page - Integrated Device Technology ZSPM9010 Datasheet HTML 6Page - Integrated Device Technology ZSPM9010 Datasheet HTML 7Page - Integrated Device Technology ZSPM9010 Datasheet HTML 8Page - Integrated Device Technology ZSPM9010 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ZSPM9010 Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 25, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The device might not function or be operable above the
recommended operating conditions. Stresses exceeding the absolute maximum ratings might also damage the
device. In addition, extended exposure to stresses above the recommended operating conditions might affect
device reliability. IDT does not recommend designing to the “Absolute Maximum Ratings.”
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Maximum Voltage to CGND –
VCIN, VDRV, DISB#, PWM, SMOD#,
GL, THWN# pins
-0.3
6.0
V
Maximum Voltage to PGND or CGND –
VIN pin
-0.3
25.0
V
Maximum Voltage to VSWH or PHASE –
BOOT, GH pins
-0.3
6.0
V
Maximum Voltage to CGND –
BOOT, PHASE, GH pins
-0.3
25.0
V
Maximum Voltage to CGND or PGND –
VSWH pin
DC only
-0.3
25.0
V
Maximum Voltage to PGND – VSWH pin
< 20ns
-8.0
25.0
V
Maximum Voltage to VDRV – BOOT pin
22.0
V
Maximum Sink Current – THWN# pin
ITHWN#
-0.1
7.0
mA
Maximum Average Output Current
1)
IOUT(AV)
fSW=300kHz, VIN=12V,
VOUT=1.0V
50
A
fSW=1MHz, VIN=12V,
VOUT=1.0V
45
A
Junction-to-PCB Thermal Resistance
θJPCB
3.5
°C/W
Ambient Temperature Range
TAMB
-40
+125
°C
Maximum Junction Temperature
TjMAX
+150
°C
Storage Temperature Range
TSTOR
-55
+150
°C
Electrostatic Discharge Protection
ESD
Human Body Model, JESD22-
A114
2000
V
Charged Device Model,
JESD22-C101
1000
V
1)
IOUT(AV) is rated using a DrMOS Evaluation Board, TAMB = 25°C, natural convection cooling. This rating is limited by the peak
DrMOS temperature, TjMAX = 150°C, and varies depending on operating conditions, PCB layout, and PCB board to ambient
thermal resistance.


유사한 부품 번호 - ZSPM9010

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9010ZA1R ETC2-ZSPM9010ZA1R Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010ZA1R RENESAS-ZSPM9010ZA1R Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
More results

유사한 설명 - ZSPM9010

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
List of Unclassifed Man...
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com