전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75010W 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LC75010W
상세설명  LC75010W Car Audio DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75010W 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75010W Datasheet HTML 3Page - Sanyo Semicon Device LC75010W Datasheet HTML 4Page - Sanyo Semicon Device LC75010W Datasheet HTML 5Page - Sanyo Semicon Device LC75010W Datasheet HTML 6Page - Sanyo Semicon Device LC75010W Datasheet HTML 7Page - Sanyo Semicon Device LC75010W Datasheet HTML 8Page - Sanyo Semicon Device LC75010W Datasheet HTML 9Page - Sanyo Semicon Device LC75010W Datasheet HTML 10Page - Sanyo Semicon Device LC75010W Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
No. N7349-7/12
LC75010W
Block Diagram
PLL
VCO
Program ROM
(8 kw)
Data RAM
(896W)
DSP
CORE
(24 bits)
CCB
VCO
PDO
DAC
(24 bits)
L.P.F.
R
Vref
VFLI
AOUT1
(C
≥1µF)
(C
≥1µF)
(C
≥1µF)
(C
≥1µF)
VFLO
DAC
(24 bits)
L.P.F.
R
Vref
VFRO
VFRI
AOUT2
ADC
(20 bits)
ADC
(20 bits)
AINLP1
AINLN1
AINRP1
AINRN1
AINLP2
AINRP2
AINLP3
AINRP3
AINLP4
AINRP4
Ars3
Ars4
Als4
Als3
DAC
(24 bits)
L.P.F.
R
Vref
VRLO
VRLI
AOUT3
DAC
(24 bits)
L.P.F.
R
Vref
VRRO
VRRI
AOUT4
DVSS
DVDD
AVSS
AVDD
VREF
3.3 V
5V


유사한 부품 번호 - LC75010W

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LC750 ETC-LC750 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
logo
Sanyo Semicon Device
LC7500 SANYO-LC7500 Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC7500M SANYO-LC7500M Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
More results

유사한 설명 - LC75010W

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com