전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-BGA484J-05 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 LS-BGA484J-05
상세설명  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA484J-05 데이터시트(HTML) 1 Page - Ironwood Electronics.

  LS-BGA484J-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2032±0.0127
5.588
2.413
FRONT VIEW
1
2
34.725
2.50
2.50
12.125
12.875
29.725
29.725
9.7825
12.3225
0.483 pad
1.00 typ
25.00
12.500
14.863
14.863
3
TOP VIEW
ISO View 1:1 scale
ITEM NO.
DESCRIPTION
Material
1
Substrate
3.18mm ±0.125mm [0.125" ±0.005"] FR4/G10
or equivalent high temp material. Non-clad.
2
Pin
Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
3
#0-80 internal Thread brass
insert, Press fit
Brass
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: 484 position SMT land pattern to terminal pins
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/18/2015
Material: N/A
Finish: N/A
Weight: 6.92
LS-BGA484J-05 Drawing
SCALE: 2.25:1
SHEET: 1 OF 1
ENG: S. Huang
FILE: LS-BGA484J-05 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - LS-BGA484J-05

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA484C-05 IRONWOOD-LS-BGA484C-05 Datasheet
53Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA484C-41 IRONWOOD-LS-BGA484C-41 Datasheet
40Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA484E-05 IRONWOOD-LS-BGA484E-05 Datasheet
43Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA484E-61 IRONWOOD-LS-BGA484E-61 Datasheet
41Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA484G-31 IRONWOOD-LS-BGA484G-31 Datasheet
39Kb / 1P
   Materials and specifications are subject to change without notice
More results

유사한 설명 - LS-BGA484J-05

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com