전자부품 데이터시트 검색엔진 |
|
AD8648ARZ 데이터시트(PDF) 3 Page - Analog Devices |
|
AD8648ARZ 데이터시트(HTML) 3 Page - Analog Devices |
3 / 18 page Data Sheet AD8646/AD8647/AD8648 Rev. F | Page 3 of 18 SPECIFICATIONS VSY = 5 V, VCM = VSY/2, TA = +25oC, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS VCM = 0 V to 5 V 0.6 2.5 mV −40°C < TA < +125°C 3.2 mV Offset Voltage Drift ΔVOS/ΔT −40°C < TA < +125°C 1.8 7.5 μV/°C Input Bias Current IB 0.3 1 pA −40°C < TA < +85°C 50 pA −40°C < TA < +125°C 550 pA Input Offset Current IOS 0.1 0.5 pA −40°C < TA < +85°C 50 pA −40°C < TA < +125°C 250 pA Input Voltage Range VCM 0 5 V Common-Mode Rejection Ratio CMRR VCM = 0 V to 5 V 67 84 dB Large Signal Voltage Gain AVO RL = 2 kΩ, VO = 0.5 V to 4.5 V 104 116 dB Input Capacitance Differential CDIFF 2.5 pF Common Mode CCM 6.7 pF OUTPUT CHARACTERISTICS Output Voltage High VOH IOUT = 1 mA 4.98 4.99 V −40°C < TA < +125°C 4.90 V IOUT = 10 mA 4.85 4.92 V −40°C < TA < +125°C 4.70 V Output Voltage Low VOL IOUT = 1 mA 8.4 20 mV −40°C < TA < +125°C 40 mV IOUT = 10 mA 78 145 mV −40°C < TA < +125°C 200 mV Output Current Isc Short circuit ±120 mA Closed-Loop Output Impedance ZOUT At 1 MHz, AV = 1 5 Ω POWER SUPPLY Power Supply Rejection Ratio PSRR VSY = 2.7 V to 5.5 V 63 80 dB Supply Current per Amplifier ISY 1.5 2.0 mA −40°C < TA < +125°C 2.5 mA Supply Current Shutdown Mode (AD8647 Only) ISD Both amplifiers shut down, VIN_SDA and VIN_SDB = 0 V 10 nA −40°C < TA < +125°C 1 μA SHUTDOWN INPUTS (AD8647) Logic High Voltage (Enabled) VINH −40°C < TA < +125°C +2.0 V Logic Low Voltage (Power-Down) VINL −40°C < TA < +125°C +0.8 V Logic Input Current (Per Pin) IIN −40°C < TA < +125°C 1 μA Output Pin Leakage Current −40°C < TA < +125°C (shutdown active) 1 nA DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 11 V/μs Gain Bandwidth Product GBP 24 MHz Phase Margin Øm 74 Degrees Settling Time ts To 0.1% 0.5 μs Amplifier Turn-On Time (AD8647) ton 25°C, AV = 1, RL = 1 kΩ (see Figure 44) 1 μs Amplifier Turn-Off Time (AD8647) toff 25°C, AV = 1, RL = 1 kΩ (see Figure 45) 1 μs |
유사한 부품 번호 - AD8648ARZ |
|
유사한 설명 - AD8648ARZ |