전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-1048-8C5-C3A0V0-4U3-1A 데이터시트(PDF) 4 Page - ETAL Group

부품명 E-1048-8C5-C3A0V0-4U3-1A
상세설명  Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETAL [ETAL Group]
홈페이지  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8C5-C3A0V0-4U3-1A 데이터시트(HTML) 4 Page - ETAL Group

  E-1048-8C5-C3A0V0-4U3-1A Datasheet HTML 1Page - ETAL Group E-1048-8C5-C3A0V0-4U3-1A Datasheet HTML 2Page - ETAL Group E-1048-8C5-C3A0V0-4U3-1A Datasheet HTML 3Page - ETAL Group E-1048-8C5-C3A0V0-4U3-1A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8C...
1651
4
5
Connection diagram
Pin selection CUBIC version (7 pin = “DELUXE”)
Pin selection CUBIC version (4 pin = “BASIC”)
yellow
red
LOAD (+)
GND
LINE (+)
DC 12 V/24 V
IN+
AS*
SF*
AS *
SF *
U(I) *
=
max. 6,5 V
control input
group fault signal
control signall
analogue output 0 … 5 V
1…10 mA
max. 5 mA
max. 2 A
max. 2 A
* Optionally available:
- LED indication AS / SF
- status outputs AS / SF
- analogue output U(I)
E-1048-8C CUBIC version
AS
1
control signal (^
= LED yellow)
LINE +2
plus US (DC 12 V/24 V)
SF
3
group fault signal (^
= LED red)
IN+
4
control input
U(I)
5
0…5 V analogue output
GND
6
minus US
LOAD
8
load output
5
8
4
6
21
3
(30)
(30)
(86)
(86)
(31)
(31)
(88a)
(88a)
( ) = automotive terminal labeling
^
E-1048-8C CUBIC version
1
LINE +2
plus US (DC 12 V/24 V)
3
IN+
5
GND
6
minus US
LOAD
8
load output
8
4
6
2
control input
(30)
(30)
(86)
(86)
(31)
(31)
(88a)
(88a)
4
( ) = automotive terminal labeling
^
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Typical time/current characteristics (TU = 25 °C)
Trip curve 2: 15 A, 20 A and 25 A (standard 200 ms)
Trip curve 1:
1 A, 2 A, 3 A, 5 A, 71/2 A and 10 A (standard 200 ms)
1
2
1000
100
10
1
0.1
I (A)
0
1000
12
100
10
1
0.1
0
(typ. 60 A)
typ. 1.3 x I
N
I (A)
typ. 1.3 x I
N
(typ. 250 A)
max. overload
... times rated current I
N
max. overload
... times rated current I
N


유사한 부품 번호 - E-1048-8C5-C3A0V0-4U3-1A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-10A ETAL-E-1048-8D4-C0A0-0U3-10A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-1A ETAL-E-1048-8D4-C0A0-0U3-1A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-2A ETAL-E-1048-8D4-C0A0-0U3-2A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

유사한 설명 - E-1048-8C5-C3A0V0-4U3-1A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com