전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-1048-8D5-C1A0-4U3-3A 데이터시트(PDF) 2 Page - ETAL Group

부품명 E-1048-8D5-C1A0-4U3-3A
상세설명  Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETAL [ETAL Group]
홈페이지  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8D5-C1A0-4U3-3A 데이터시트(HTML) 2 Page - ETAL Group

  E-1048-8D5-C1A0-4U3-3A Datasheet HTML 1Page - ETAL Group E-1048-8D5-C1A0-4U3-3A Datasheet HTML 2Page - ETAL Group E-1048-8D5-C1A0-4U3-3A Datasheet HTML 3Page - ETAL Group E-1048-8D5-C1A0-4U3-3A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8D...
1646
2
5
Type
E-1048-8D Smart Power Relay DC 12 V/24 V, 1 A...30 A
in DICE version
Housing / temperature range
4
with housing -40 °C...85 °C (for rated current up to 20 A)
5
with housing -40 °C ... 85 °C (60 °C at IN = 30 A)
improved ambient req. (IP protection class etc.)
Control input
C0 with control input (IN+ control 8.5...32 V)
C1 with control input (IN- control by connecting to ground)
C2 IN+ with increased control current (12.5 mA)
Options
A0 without options
Characteristic curve
0
ENTRY, short circuit protected
4
ENTRYprotect, 200 ms standard
switch-off delay with overload, short circuit
protected
Voltage rating
U3
DC 12/24 V
Current ratings / colour of label
1 A / black
2 A / grey
3 A / purple
5 A / light-brown
7.5 A / brown
10 A / red
15 A / blue
20 A / yellow
25 A / white
30 A / green
E-1048-8D 4 - C0 A0 - 0 U3 - 10 A
ordering example:
ENTRY version 4 pin
Ordering Information
Free-wheeling diode
integral
for connected load
IN = 1 A...10 A: max. 40 A
IN = 15 A...30 A: max. 100 A
Delay time 1)
ton 0.5 ms, toff 1.5 ms
Short circuit, overload
- disconnection of load
in load circuit
- no automatic re-start
- after remedy of the fault unit has to
be reset via control input IN+
Control input IN+
Control voltage IN+
0...5 V = “OFF”, 8.5...32 V = “ON”
Control current IE
typically 1 mA at 12 V /
typically 5 mA at 24 V
Reset in the event of a failure - via external control signal
(low-high) at control input IN+
- via reset of supply voltage
Control input IN-
Control voltage IN-
relay energised when IN- connected to
ground; tolerance range 12 V system:
0...6 V = “ON” 8.5...12 V “OFF”
tolerance range 24 V system:
0...18 V = “ON” 20.5...24 V “OFF”
Reset in the event of a failure - resettable via external control signal
(High-Low) at control input IN-
- via reset of supply voltage
Control input IN+ / IN-
Switching frequency
at resistive or inductive load
max. 60 Hz
Edge of IN
< 5 ms
General data
Reverse polarity protection
Control circuit
yes
Load circuit
no (due to integral free-wheeling diode)
Temperature range
1 ...25 A: -40 ... +85 °C
ambient temperature
30 A: -40 ... + 60 °C without derating
Temperature shutdown
power transistor > 150 °C
Tests
Humid heat
combined test, 9 cycles with
functional test
test to DIN EN 60068-2-30, Z/AD
Temperature change
min. temperature -40 °C,
max. temperature +90 °C
test to DIN IEC 60068-2-14, Nb
Vibration (random)
in operation, with temperature change
6 g eff. (10 Hz...2,000 Hz)
test to DIN EN 60068-2-64
Vibration was tested with standard
sockets for PCB mounting.
Behaviour at vibrations depends on
design, quality and age (number of
push-in cycles) of the socket particularly
regarding duration of the vibration and
the mounting position.
Shock
25 g/11 ms, 10 shocks
test to DIN EN 60068-2-27
Corrosion
test to DIN EN 60068-2-52, severity 3
Protection class
housing -8D4 IP30 to DIN 40050
housing -8D5 IP54 to DIN 40050,
higher protection class upon request
EMC requirements
EMC directive:
emitted interference EN 50081-1
noise immunity EN 61000-6-2
Automotive directive:
emitted interference, noise immunity:
72/245/EWG and 2006/28/EG
Terminals
4 blade terminals 6.3 mm x 0.8 mm
contact material CuZn37F44
Mounting:
on automotive relay socket 4-pole
Technical Data (TA= 25 °C at UN)
Technical Data (TA= 25 °C at UN)
Dimensions DICE version (4 pin version)
30
2, 4, 6 and 8 - blade terminals 6.3 x 0.8
1.18
8
4
6
2
footprint
to ISO 7588
This is a metric design and millimeter dimensions take precedence ( mm )
inch
1)
typically
Housing
dimensions
30 x 30 x 30 mm when plugged in
30 x 30 x 41.6 mm including terminals
Materials
housing PA66-GF30
base plate PA6-GF30
Mass
approx. 20 g (25 A and
30 A approx. 50 g)


유사한 부품 번호 - E-1048-8D5-C1A0-4U3-3A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

유사한 설명 - E-1048-8D5-C1A0-4U3-3A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com