전자부품 데이터시트 검색엔진 |
|
PM25RLA120 데이터시트(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
PM25RLA120 데이터시트(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 6 page MITSUBISHI <INTELLIGENT POWER MODULES> PM25RLA120 FLAT-BASE TYPE INSULATED PACKAGE Oct. 2003 — — — — — VCE(sat) ICES VFM V mA Min. Typ. Max. V Collector-Emitter Saturation Voltage FWDi Forward Voltage Collector-Emitter Cutoff Current IF = 15A (Fig. 2) Tj = 25 °C Tj = 125 °C Unit Parameter Symbol Condition Limits 2.3 2.4 3.5 1 10 1.8 1.9 2.5 — — Tj = 25 °C Tj = 125 °C BRAKE PART VD = 15V, IC = 15A VCIN = 0V, Pulsed (Fig. 1) VCE = VCES, VCIN = 15V (Fig. 5) VD = 15V, VCIN = 15V Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN • VN • WN • Br-VNC ID °C V mA ms 30 10 1.8 2.3 — — — 155 — 12.5 — 0.01 15 — mA Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Short Circuit Trip Level Short Circuit Current Delay Time Over Temperature Protection Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width Vth(ON) Vth(OFF) SC toff(SC) OT OTr UV UVr IFO(H) IFO(L) tFO Trip level Reset level Trip level Reset level CONTROL PART — — 1.2 1.7 50 30 — 135 — 11.5 — — — 1.0 Parameter Symbol Condition Unit 20 5 1.5 2.0 — — 0.2 145 125 12.0 12.5 — 10 1.8 (Note-3) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to protect it. Detect Tj of IGBT chip –20 ≤ Tj ≤ 125°C VD = 15V, VCIN = 15V (Note-3) VD = 15V (Note-3) V µs VN1-VNC VXP1-VXPC Inverter part Brake part A –20 ≤ Tj ≤ 125°C, VD = 15V (Fig. 3,6) VD = 15V (Fig. 3,6) 3.5 3.5 — — — — Mounting part screw : M5 Mounting part screw : M5 — Symbol Mounting torque Mounting torque Weight N • m N • m g 2.5 2.5 — 3.0 3.0 380 MECHANICAL RATINGS AND CHARACTERISTICS Parameter Condition Unit Max. Min. Typ. Limits Max. Min. Typ. Limits RECOMMENDED CONDITIONS FOR USE Recommended value Unit Condition Symbol Parameter V Applied across P-N terminals Applied between : VUP1-VUPC, VVP1-VVPC VWP1-VWPC, VN1-VNC (Note-4) Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN • VN • WN • Br-VNC Using Application Circuit of Fig. 8 For IPM’s each input signals (Fig. 7) Supply Voltage Control Supply Voltage Input ON Voltage Input OFF Voltage PWM Input Frequency Arm Shoot-through Blocking Time ≤ 800 15.0 ± 1.5 ≤ 0.8 ≥ 9.0 ≤ 20 ≥ 2.5 VCC VCIN(ON) VCIN(OFF) fPWM tdead VD V V kHz µs (Note-4) With ripple satisfying the following conditions dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak |
유사한 부품 번호 - PM25RLA120 |
|
유사한 설명 - PM25RLA120 |