전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-1048-8I4-C3A4V1-4U3-2A 데이터시트(PDF) 4 Page - ETAL Group

부품명 E-1048-8I4-C3A4V1-4U3-2A
상세설명  Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETAL [ETAL Group]
홈페이지  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8I4-C3A4V1-4U3-2A 데이터시트(HTML) 4 Page - ETAL Group

  E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 1Page - ETAL Group E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 2Page - ETAL Group E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 3Page - ETAL Group E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 4Page - ETAL Group E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 5Page - ETAL Group E-1048-8I4-C3A4V1-4U3-2A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8I...
1646
4
5
Typical time/current characteristics (TA = 25 °C)
1
2
1000
I (A)
0
Version 1: 1 A, 2 A, 3 A, 5 A, 7.5 A and 10 A (standard 200 ms)
Version 2: 15 A and 20 A (standard 200 ms)
1000
1
2
100
10
1
0.1
0
current limitationn
(typ. 75 A)
... times rated current I
N
typ. 1.3 x I
N
I (A)
typ. 1.3 x I
N
(typ. 350 A)
100
10
1
0.1
current limitation
... times rated current I
N


유사한 부품 번호 - E-1048-8I4-C3A4V1-4U3-2A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V1-4U3-1A ETAL-E-1048-8C4-C0A0V1-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

유사한 설명 - E-1048-8I4-C3A4V1-4U3-2A

제조업체부품명데이터시트상세설명
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com