전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5671RBCPZ-RL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD5671RBCPZ-RL
상세설명  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5671RBCPZ-RL 데이터시트(HTML) 4 Page - Analog Devices

  AD5671RBCPZ-RL Datasheet HTML 1Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 2Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 3Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 4Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 5Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 6Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 7Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 8Page - Analog Devices AD5671RBCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS2
Input Current
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 × VLOGIC
V
High, VINH
0.7 × VLOGIC
V
Pin Capacitance
3
pF
LOGIC OUTPUTS (SDA)2
Output Voltage
Low, VOL
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC − 0.4
V
ISOURCE = 200 μA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
Power-on, −40°C + 105°C
3
µA
Power-on, −40°C + 125°C
3
µA
Power-down, −40°C + 105°C
3
µA
Power-down, −40°C + 125°C
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
1.1
1.26
mA
Internal reference off, −40°C to +85°C
1.8
2.0
mA
Internal reference on, −40°C to +85°C
1.1
1.3
mA
Internal reference off
1.8
2.1
mA
Internal reference on
All Power-Down Modes10
1
1.7
µA
Tristate to 1 kΩ, −40°C to +85°C
1
1.7
µA
Power down to 1 kΩ, −40°Cto +85°C
1
2.5
µA
Tristate, −40°C to +105°C
1
2.5
µA
Power down to 1 kΩ, −40°C to +105°C
1
5.5
µA
Tristate to 1 kΩ, −40°C to +125°C
1
5.5
µA
Power down to 1 kΩ, −40°C to +125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 12 to 4080.
2
Guaranteed by design and characterization; not production tested.
3
Together, Channel 0, Channel 1, Channel 2, and Channel 3 can source/sink 40 mA. Similarly, together, Channel 4, Channel 5, Channel 6, and Channel 7 can source/sink
40 mA up to a junction temperature of 125°C.
4
VDD = 5 V. The devices include current limiting to protect the devices during temporary overload conditions. Junction temperature can be exceeded during current
limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference and Amplifier Gain Selection
section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +125°C.
8
Reference temperature coefficient calculated as per the box method. See the Terminology section for further information.
9
Interface inactive. All DACs active. DAC outputs unloaded.
10
All DACs powered down.


유사한 부품 번호 - AD5671RBCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5671R AD-AD5671R Datasheet
1Mb / 28P
   Easy implementation
More results

유사한 설명 - AD5671RBCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com