전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K0448 데이터시트(PDF) 3 Page - Amphenol Corporation

부품명 K0448
상세설명  RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

K0448 데이터시트(HTML) 3 Page - Amphenol Corporation

  K0448 Datasheet HTML 1Page - Amphenol Corporation K0448 Datasheet HTML 2Page - Amphenol Corporation K0448 Datasheet HTML 3Page - Amphenol Corporation K0448 Datasheet HTML 4Page - Amphenol Corporation K0448 Datasheet HTML 5Page - Amphenol Corporation K0448 Datasheet HTML 6Page - Amphenol Corporation K0448 Datasheet HTML 7Page - Amphenol Corporation K0448 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Software Features
Historical graphing
Once a study has been started, user can connect his
PC anytime to the base station and retrieve all the data
from the base station on the real time graph to view the
data that has been logged by the loggers to that point.
This will enable viewing historical data without having
to stop the study at the base station.
RF Map
Users can graphically view the RF Signal strength of
the loggers and their connections to other loggers and
basestation for stronger RF networks. A background
image can also be set for the RF map to position the
loggersonarealfloorplan.Theuserscanusethisas
back up documentation for looking at the position of
the loggers at a later time.
Real time graphing calculations
Realtimegraphingprovidesmin/max/avgcalculations
for the RH and Temp parameters of all the loggers
being plotted in the real time graph.
Alarming
User can set low and high alarms on the real time
graph to see if any loggers have crossed the limits. The
limits can also be labeled by the user.
Auto Calibration/Verification
RFValProbeSystemenablesautocalibration/
verification for the users when using the RF loggers,
Kaye IRTD, Kaye Temperature baths. This enables the
user to select the set points and let the software run
thecalibration/verificationincludingloadingofoffsets
into the loggers automatically.
The software will control the Kaye drywells and read
the reference temperature data from a connected
Kaye IRTD permitting full automatic calibration with
the Kaye calibration products. Providing that the
users configure the communications port , access to
automatic calibration will be permitted. Calibration is
still permitted if either drywells or IRTD is not present,
in which case either semi-automatic or manual mode
calibration is used.
Independent Report Wizard
Along with the RF ValProbe software, there is an
additional software program called the “Kaye Report
Wizard”. This report wizard permits the user to launch
the “Create Reports” section independently of the
Kaye product installed on the user’s PC. The “Create
Reports” button of the standard software will continue
to operate as in previous versions. The user can decide
install the Report Wizard in a separate folder and use it
to report on all 3 Kaye products: Validator, Valprobe or
RF Valprobe.
Interference
The SmartMesh® technology combines frequency
hopping with TDMA (Time Division Multiple Access). In
addition the mesh protocol permits the system to learn
about the RF environment and dynamically adjust the
network parameters to best fit the current situation.
The network provides an accurate time reference for
the whole network, ensuring all loggers and the base
station are time synchronized correctly. Each data
sample is timestamped with this network time.
Coexistence with Other RF Systems
The RF ValProbe complies with the IEEE 802.15.4, the
preeminent RF sensor network standard. Features like
frequency hopping, listen-before-you-talk and channel
blacklisting prevents other RF networks being affected
by the RF ValProbe.


유사한 부품 번호 - K0448

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
K0471-K60 ETC2-K0471-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0472-K01 ETC2-K0472-K01 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0472-K60 ETC2-K0472-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0473-K60 ETC2-K0473-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
logo
Texas Instruments
K04RLM12 TI1-K04RLM12 Datasheet
956Kb / 23P
[Old version datasheet]   Operational Amplifier
More results

유사한 설명 - K0448

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SLWSTK6000B SILABS-SLWSTK6000B Datasheet
2Mb / 34P
   EFR32MG12 2.4 GHz Mesh Networking Starter Kit
Rev. 1.02
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
   2.4 GHz ISM RF Application
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com