전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESAD25-02C 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 ESAD25-02C
상세설명  16 Ampere Dual Common Cathode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAD25-02C 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ESAD25-02C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAD25-02C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Latest GPP technology with super fast recovery time
Glass passivated with high current capability
Case: Heatsink TO-3P/TO-247AD
High surge current capability
Weight: 5.6 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
ESAD25-02C thru ESAD25-06C
Pb Free Plating Product
ESAD25-02C/ESAD25-04C/ESAD25-06C
16 Ampere Dual Common Cathode Fast Recovery Half Bridge Rectifiers
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
100
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oC
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
ESAD25-02C
200
400
1.3
1.7
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.05
TO-247AD/TO-3P
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)
ESAD25-04C ESAD25-06C
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Tandem Polarity
Case
Series Connection
Tandem Polarity
Suffix "N"
Suffix "D"
Suffix "S"
/W


유사한 부품 번호 - ESAD25-02C

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
ESAD25-02C THINKISEMI-ESAD25-02C Datasheet
206Kb / 2P
   16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
More results

유사한 설명 - ESAD25-02C

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
ESAD25M-02C THINKISEMI-ESAD25M-02C Datasheet
256Kb / 2P
   16 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
SF304C THINKISEMI-SF304C Datasheet
731Kb / 2P
   30 Ampere Dual Common Cathode Fast Recovery Half Bridge Rectifiers
YG902C2 THINKISEMI-YG902C2 Datasheet
667Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
D8LC20U THINKISEMI-D8LC20U Datasheet
669Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
U30C20C THINKISEMI-U30C20C Datasheet
831Kb / 2P
   30 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25-02C THINKISEMI-ESAC25-02C Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
UFF160-02CT THINKISEMI-UFF160-02CT Datasheet
268Kb / 2P
   16 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifier
C10P20F THINKISEMI-C10P20F Datasheet
694Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
CTG-32S THINKISEMI-CTG-32S Datasheet
517Kb / 2P
   20.0 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
ESAD25-02N THINKISEMI-ESAD25-02N Datasheet
249Kb / 2P
   16 Ampere Dual Common Anode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com