전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC62WV1024TIG55 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 STC62WV1024TIG55
상세설명  VERY LOW POWER VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STC62WV1024TIG55 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  STC62WV1024TIG55 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1024TIG55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STC62WV1024
Revision 2.1
Jan.
2004
4
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
STC
STC62WV1024
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 30pF+1TTL
CL = 100pF+1TTL
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
READ CYCLE
JEDEC
PARAMETER
NAME
NAME
DESCRIPTION
UNIT
t
AVAX
t
RC
Read Cycle Time
55
--
--
70
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
55
--
--
70
ns
t
E1LQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
55
--
--
70
ns
t
E2HOV
t
ACS2
Chip Select Access Time
(CE2)
--
--
55
--
--
70
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
30
--
--
40
ns
t
E1LQX
t
CLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
10
--
--
ns
t
E2HOX
t
CLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
10
--
--
ns
t
E1HQZ
t
CHZ1
Chip Deselect to Output in High Z
(CE1)
--
--
35
--
--
40
ns
t
E2HQZ
t
CHZ2
Chip Deselect to Output in High Z
(CE2)
--
--
35
--
--
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
30
--
--
35
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
10
--
--
ns
PARAMETER
CYCLE TIME : 55ns
MIN. TYP. MAX.
(Vcc = 3.0~5.5V)
MIN. TYP. MAX.
(Vcc = 2.7~5.5V)
CYCLE TIME : 70ns


유사한 부품 번호 - STC62WV1024TIG55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AC ETC1-STC62WV12816AC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AI ETC1-STC62WV12816AI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DC ETC1-STC62WV12816DC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DI ETC1-STC62WV12816DI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
More results

유사한 설명 - STC62WV1024TIG55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com