전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54-790-022 데이터시트(PDF) 7 Page - API Technologies Corp

부품명 54-790-022
상세설명  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-790-022 데이터시트(HTML) 7 Page - API Technologies Corp

Back Button 54-790-022 Datasheet HTML 3Page - API Technologies Corp 54-790-022 Datasheet HTML 4Page - API Technologies Corp 54-790-022 Datasheet HTML 5Page - API Technologies Corp 54-790-022 Datasheet HTML 6Page - API Technologies Corp 54-790-022 Datasheet HTML 7Page - API Technologies Corp 54-790-022 Datasheet HTML 8Page - API Technologies Corp 54-790-022 Datasheet HTML 9Page - API Technologies Corp 54-790-022 Datasheet HTML 10Page - API Technologies Corp 54-790-022 Datasheet HTML 11Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.421 ± .031
(10.7 ± .79)
.140
(3.56)
#10–32 Unf–2A Thd.
.234
(5.94)
.328 ± .031
(8.33 ± .79)
ø A ± .005
(± .13)
Figure 1
.218
(5.54)
.500 ± .031
(12.7 ± .79)
.171
(4.34)
#10–32 Unf–2A Thd.
.328
(8.33)
.359 ± .031
(9.12 ± .79)
ø A ± .005
(± .13)
.218
(5.54)
Figure 2
14
38
43
46
10
29
30
47
50
52
20
38
55
50
52
54
45
44
70
55
60
70
65
47
70
60
65
70
70
55
Minimum Insertion Loss (dB)
50
50
50
50
100
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
51-761-002
¦
54-786-013
54-786-028
¦
54-786-014
51-761-001
54-786-027
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
1
1
2
1
1
10
10
10
10
10
10
0.018 µF
0.3 µF
0.56 µF
0.8 µF
0.01 µF
0.1 µF
70
70
70
70
70
65
70
70
70
70
70
65
A
0.032
0.040
0.040
0.040
0.032
0.040
AC
(0.81)
(1.02)
(1.02)
(1.02)
(0.81)
(1.02)
In
(mm)
7
30
35
40
20
1
MHz
CKT
Pi
C
C
C
Pi
C
10-32 C & Pi Circuit
Dimensions in inches
(mm)
LP18


유사한 부품 번호 - 54-790-022

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
54-790-022 APITECH-54-790-022 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

유사한 설명 - 54-790-022

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
9900F-381-6004 APITECH-9900F-381-6004 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com